Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3116CPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL3116CPWR
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL3116CPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL3116CPWR Datasheet HTML 5Page - Texas Instruments TL3116CPWR Datasheet HTML 6Page - Texas Instruments TL3116CPWR Datasheet HTML 7Page - Texas Instruments TL3116CPWR Datasheet HTML 8Page - Texas Instruments TL3116CPWR Datasheet HTML 9Page - Texas Instruments TL3116CPWR Datasheet HTML 10Page - Texas Instruments TL3116CPWR Datasheet HTML 11Page - Texas Instruments TL3116CPWR Datasheet HTML 12Page - Texas Instruments TL3116CPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
TA = − 40°C
TA = 25°C
TA = 85°C
VCC = ± 5 V
TA = 25°C
1
0.6
0.4
0
05
10
1.4
1.6
OUTPUT VOLTAGE
vs
OUTPUT SINK CURRENT
2
15
20
1.8
1.2
0.8
0.2
IO(sink) − Output Sink Current − mA
Figure 15
5
− 5
− 10
− 20
− 0.5
0
0.5
1
15
25
INPUT CURRENT (LATCH ENABLE)
vs
INPUT VOLTAGE
30
1.5
2
20
10
0
− 15
VI − Input Voltage − V
VCC = ± 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com