Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK3101 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLK3101
Description  2.5 Gbps to 3.125 Gbps TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK3101 Datasheet HTML 16Page - Texas Instruments TLK3101 Datasheet HTML 17Page - Texas Instruments TLK3101 Datasheet HTML 18Page - Texas Instruments TLK3101 Datasheet HTML 19Page - Texas Instruments TLK3101 Datasheet HTML 20Page - Texas Instruments TLK3101 Datasheet HTML 21Page - Texas Instruments TLK3101 Datasheet HTML 22Page - Texas Instruments TLK3101 Datasheet HTML 23Page - Texas Instruments TLK3101 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TLK3101
2.5 Gbps to 3.125 Gbps TRANSCEIVER
SCAS649A – AUGUST 2000 – REVISED FEBRUARY 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
_
+
GND
VDDA
RXP
RXN
50
Ω
50
Ω
4 k
Ω
6 k
Ω
TXP
TXN
Transmitter
Media
Receiver
Transmission
Line
50
Ω
50
Ω
Transmission
Line
Figure 14. High-Speed I/O Directly-Coupled Mode
_
+
GND
VDDA
RXP
RXN
50
Ω
50
Ω
4 k
Ω
6 k
Ω
TXP
TXN
Transmitter
Media
Receiver
Transmission
Line
50
Ω
50
Ω
Transmission
Line
Figure 15. High-Speed I/O AC-Coupled Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com