Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7757CLPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7757CLPR
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7757CLPR Datasheet(HTML) 4 Page - Texas Instruments

  TL7757CLPR Datasheet HTML 1Page - Texas Instruments TL7757CLPR Datasheet HTML 2Page - Texas Instruments TL7757CLPR Datasheet HTML 3Page - Texas Instruments TL7757CLPR Datasheet HTML 4Page - Texas Instruments TL7757CLPR Datasheet HTML 5Page - Texas Instruments TL7757CLPR Datasheet HTML 6Page - Texas Instruments TL7757CLPR Datasheet HTML 7Page - Texas Instruments TL7757CLPR Datasheet HTML 8Page - Texas Instruments TL7757CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I − SEPTEMBER 1991 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature
PARAMETER
TEST CONDITIONS
T
TL7757I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V
Negative going input threshold voltage at V
25
°C
4.43
4.55
4.67
V
VIT−
Negative-going input threshold voltage at VCC
−40
°C to 85°C
4.4
4.7
V
V
†
Hysteresis at V
25
°C
40
50
60
mV
Vhys†
Hysteresis at VCC
−40
°C to 85°C
30
70
mV
V
Low level output voltage
I
20 mA
V
43V
25
°C
0.4
0.8
V
VOL
Low-level output voltage
IOL = 20 mA,
VCC = 4.3 V
−40
°C to 85°C
0.8
V
I
High level output current
VCC = 7 V,
VOH = 15 V,
25
°C
1
A
IOH
High-level output current
VCC = 7 V,
See Figure 1
VOH = 15 V,
−40
°C to 85°C
1
µA
V
‡
Power up reset voltage
RL = 2.2 kΩ,
25
°C
0.8
1
V
Vres‡
Power-up reset voltage
RL = 2.2 kΩ,
VCC slew rate ≤ 5 V/µs
−40
°C to 85°C
1.2
V
V
43V
25
°C
1400
2000
ICC
Supply current
VCC = 4.3 V
−40
°C to 85°C
2100
µA
CC
pp y
VCC = 5.5 V
−40
°C to 85°C
40
µ
† This is the difference between positive-going input threshold voltage, VIT+, and negative-going input threshold voltage, VIT−.
‡ This is the lowest voltage at which RESET becomes active.
switching characteristics at specified free-air temperature
PARAMETER
TEST CONDITIONS
T
TL7757I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
t
Propagation delay time low to high level output
VCC slew rate ≤ 5 V/µs,
25
°C
3.4
5
s
tPLH
Propagation delay time, low-to-high-level output
VCC slew rate ≤ 5 V/µs,
See Figures 2 and 3
−40
°C to 85°C
5
µs
t
Propagation delay time high to low level output
See Figures 2 and 3
25
°C
2
5
s
tPHL
Propagation delay time, high-to-low-level output
See Figures 2 and 3
−40
°C to 85°C
5
µs
t
Rise time
VCC slew rate ≤ 5 V/µs,
25
°C
0.4
1
s
tr
Rise time
VCC slew rate ≤ 5 V/µs,
See Figures 2 and 3
−40
°C to 85°C
1
µs
t
Fall time
See Figures 2 and 3
25
°C
0.05
1
s
tf
Fall time
See Figures 2 and 3
−40
°C to 85°C
1
µs
t
Minimum pulse duration at VCC for output
25
°C
5
µs
tw(min)
Minimum pulse duration at VCC for output
response
−40
°C to 85°C
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com