Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2011 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC2011
Description  Low-Jitter Configurable Dual CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2011 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC2011 Datasheet HTML 1Page - Micrel Semiconductor DSC2011 Datasheet HTML 2Page - Micrel Semiconductor DSC2011 Datasheet HTML 3Page - Micrel Semiconductor DSC2011 Datasheet HTML 4Page - Micrel Semiconductor DSC2011 Datasheet HTML 5Page - Micrel Semiconductor DSC2011 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2011
Page 1
MK-Q-B-P-D-12042602-2
Low-Jitter Configurable Dual CMOS Oscillator
DSC2011
General Description
The DSC2011 series of high performance
dual output CMOS oscillators utilize a proven
silicon MEMS technology to provide excellent
jitter
and
stability
while
incorporating
additional device functionality.
The two
CMOS outputs are controlled by separate
supply voltages to allow for independent
voltage level control. The frequencies of the
outputs can be identical or independently
derived from a common PLL frequency
source. The DSC2011 has provision for up to
eight user-defined pre-programmed, pin-
selectable output frequency combinations.
The
DSC2011
is
also
equipped
with
independent
pin-selectable
output
drive
strengths for each output to reduce EMI and
noise.
DSC2011 is packaged in a 14-pin 3.2x2.5
mm
QFN
package
and
available
in
temperature grades from Ext. Commercial to
Automotive.
Block Diagram
Features
 Low RMS Phase Jitter: <1 ps (typ)
 High Stability: ±10, ±25, ±50 ppm
 Wide Temperature Range
o
Automotive: -55° to 125° C
o
Ext. Industrial: -40° to 105° C
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
 High Supply Noise Rejection: -50 dBc
 Two Independent CMOS Outputs
 Pin-Selectable Configurations
o
2-bit Output Drive Strength
o
3-bit Output Frequency Combinations
 Short Lead Times: 2 Weeks
 Wide Freq. Range:
o
CMOS Output: 2.3 to 170 MHz
 Miniature Footprint of 3.2x2.5mm
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 High Reliability
o
20x better MTF than quartz oscillators
 Supply Range of 2.25 to 3.6 V
 Lead Free & RoHS Compliant
Applications
 Consumer Electronics
 Storage Area Networks
o
SATA, SAS, Fibre Channel
 Passive Optical Networks
o
EPON, 10G-EPON, GPON, 10G-PON
 Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FCoE
 HD/SD/SDI Video & Surveillance
 PCI Express


Similar Part No. - DSC2011

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2011FE2-F0016 MICREL-DSC2011FE2-F0016 Datasheet
594Kb / 6P
Crystal-less??Configurable Clock Generator
DSC2011FE2-F0016T MICREL-DSC2011FE2-F0016T Datasheet
594Kb / 6P
Crystal-less??Configurable Clock Generator
DSC2011FI1-E0012 MICREL-DSC2011FI1-E0012 Datasheet
594Kb / 6P
Crystal-less??Configurable Clock Generator
DSC2011FI1-E0012T MICREL-DSC2011FI1-E0012T Datasheet
594Kb / 6P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2011FI1-F0033 MICROCHIP-DSC2011FI1-F0033 Datasheet
1Mb / 6P
Crystal-less??Configurable Clock Generator
June 23, 2016 Revision 1.0
More results

Similar Description - DSC2011

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
Low-Jitter Configurable Dual HCSL Oscillator
DSC2033 MICREL-DSC2033 Datasheet
526Kb / 5P
Low-Jitter Configurable Dual LVDS Oscillator
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
Low-Jitter Configurable LVDS Oscillator
DSC2010 MICREL-DSC2010 Datasheet
530Kb / 6P
Low-Jitter Configurable CMOS Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
Low-Jitter Configurable HCSL Oscillator
DSC2031 MICREL-DSC2031 Datasheet
538Kb / 6P
Low-Jitter Configurable Dual LVDS-CMOS Oscillator
DSC2022 MICREL-DSC2022 Datasheet
636Kb / 6P
Low-Jitter Configurable Dual LVPECL Oscillator
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
Low-Jitter Configurable LVPECL Oscillator
DSC2021 MICREL-DSC2021 Datasheet
539Kb / 6P
Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com