Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC070CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC070CD
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC070CD Datasheet(HTML) 2 Page - Texas Instruments

  TLC070CD Datasheet HTML 1Page - Texas Instruments TLC070CD Datasheet HTML 2Page - Texas Instruments TLC070CD Datasheet HTML 3Page - Texas Instruments TLC070CD Datasheet HTML 4Page - Texas Instruments TLC070CD Datasheet HTML 5Page - Texas Instruments TLC070CD Datasheet HTML 6Page - Texas Instruments TLC070CD Datasheet HTML 7Page - Texas Instruments TLC070CD Datasheet HTML 8Page - Texas Instruments TLC070CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219F − JUNE 1999 − REVISED DECEMBER 2011
2
WWW.TI.COM
TLC070 and TLC071 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
SMALL OUTLINE
SYMBOL
PLASTIC DIP
TA
SMALL OUTLINE
(D)†
SMALL OUTLINE
(DGN)†
SYMBOL
PLASTIC DIP
(P)
0°C to 70°C
TLC070CD
TLC071CD
TLC070CDGN
TLC071CDGN
xxTIACS
xxTIACU
TLC070CP
TLC071CP
40°C to 125°C
TLC070ID
TLC071ID
TLC070IDGN
TLC071IDGN
xxTIACT
xxTIACV
TLC070IP
TLC071IP
−40°C to 125°C
TLC070AID
TLC071AID
—
—
—
—
TLC070AIP
TLC071AIP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC070CDR).
TLC072 and TLC073 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
OUTLINE
MSOP
PLASTIC
DIP
PLASTIC
DIP
TA
OUTLINE
(D)†
(DGN)†
SYMBOL‡
(DGQ)†
SYMBOL‡
DIP
(N)
DIP
(P)
0°C to 70°C
TLC072CD
TLC073CD
TLC072CDGN
—
xxTIADV
—
—
TLC073CDGQ
—
xxTIADX
—
TLC073CN
TLC072CP
—
40°C to 125°C
TLC072ID
TLC073ID
TLC072IDGN
—
xxTIADW
—
—
TLC073IDGQ
—
xxTIADY
—
TLC073IN
TLC072IP
—
−40°C to 125°C
TLC072AID
TLC073AID
—
—
—
—
—
—
—
—
—
TLC073AIN
TLC072AIP
—
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC072CDR).
‡ xx represents the device date code.
TLC074 and TLC075 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PWP)†
0°C to 70°C
TLC074CD
TLC075CD
TLC074CN
TLC075CN
TLC074CPWP
TLC075CPWP
40°C to 125°C
TLC074ID
TLC075ID
TLC074IN
TLC075IN
TLC074IPWP
TLC075IPWP
−40°C to 125°C
TLC074AID
TLC075AID
TLC074AIN
TLC075AIN
TLC074AIPWP
TLC075AIPWP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLC074CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com