Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS31M
Description  Quad High Speed Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS31M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26LS31M Datasheet HTML 1Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 2Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 3Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 4Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 5Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 6Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 7Page - National Semiconductor (TI) DS26LS31M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS26LS31C/DS26LS31M
Quad High Speed Differential Line Driver
General Description
The DS26LS31 is a quad differential line driver designed for
digital
data
transmission
over
balanced
lines.
The
DS26LS31 meets all the requirements of EIA Standard RS-
422 and Federal Standard 1020. It is designed to provide
unipolar differential drive to twisted-pair or parallel-wire
transmission lines.
The circuit provides an enable and disable function common
to all four drivers. The DS26LS31 features TRI-STATE ®
outputs and logically ANDed complementary outputs. The
inputs are all LS compatible and are all one unit load.
Features
n
Output skew — 2.0 ns typical
n
Input to output delay — 10 ns typical
n
Operation from single 5V supply
n
Outputs won’t load line when V
CC =0V
n
Four line drivers in one package for maximum package
density
n
Output short-circuit protection
n
Complementary outputs
n
Meets the requirements of EIA Standard RS-422
n
Pin compatible with AM26LS31
n
Available in military and commercial temperature range
Logic and Connection Diagrams
00577801
Dual-In-Line Package
00577802
Top View
Order Number DS26LS31CM, or DS26LS31CN
See NS Package M16A or N16E
For Complete Military Product Specifications,
refer to the appropriate SMD or MDS.
Order Number DS26LS31MJ/883, DS26LS31ME/883 or DS26LS31MW/883
See NS Package E20A, J16A or W16A
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
June 1998
© 2004 National Semiconductor Corporation
DS005778
www.national.com


Similar Part No. - DS26LS31M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LS31M TI-DS26LS31M Datasheet
885Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31M TI1-DS26LS31M Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
logo
National Semiconductor ...
DS26LS31ME NSC-DS26LS31ME Datasheet
163Kb / 9P
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26LS31ME-SMD TI-DS26LS31ME-SMD Datasheet
470Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
logo
National Semiconductor ...
DS26LS31ME883 NSC-DS26LS31ME883 Datasheet
163Kb / 9P
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
More results

Similar Description - DS26LS31M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
National Semiconductor ...
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31CMX TI-DS26LS31CMX Datasheet
885Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31ME-SMD TI-DS26LS31ME-SMD Datasheet
470Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31C TI1-DS26LS31C_15 Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com