Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF3 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 31DF3
Description  SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

31DF3 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  31DF3 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 31DF3 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 1.5 A
VOLTAGE RANGE: 300 - 400V
31DF3 - 31DF4
Case:DO--201AD,molded plastic
SUPER FAST RECTIFIER DIODES
Features
Mechanical Data
Low leakage
Low forward voltage drop
Easily cleaned with alcohol,Isopropanol and
High current capability
Polarity: Color band denotes cathode
Weight: 0.041ounces,1.15 grams
Mounting position: Any
Terminals: Axial lead ,solderable per
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
!
!
!
!
!
!
!
!
!
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ I
F=3A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev ers e v oltage of 4. 0V DC .
IF(AV)
A
IFSM
IR
A
A
NOTE: 1. Measured with I
F=0.5A, I R=1A, Irr=0.25A.
210
400
280
1.25
1.5
125.0
300
400
300
- 55 ----- + 150
- 55 ----- + 150
5.0
50.0
30
90
34
MIL-STD202,method 208
similar solvents
1 of 2
www.sunmate.tw
31DF3
31DF4
Characteristic
Symbol


Similar Part No. - 31DF3

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF3 BILIN-31DF3 Datasheet
52Kb / 2P
SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF3 LUGUANG-31DF3 Datasheet
142Kb / 2P
Super Fast Rectifiers
logo
New Jersey Semi-Conduct...
31DF3 NJSEMI-31DF3 Datasheet
61Kb / 1P
Ultra-Fast Recovery
31DF3 NJSEMI-31DF3 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
Diode Semiconductor Kor...
31DF3 DSK-31DF3 Datasheet
266Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - 31DF3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SF21 EIC-SF21 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
SF31 EIC-SF31 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SFO1 EIC-SFO1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com