Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080AIP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080AIP
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080AIP Datasheet(HTML) 1 Page - Texas Instruments

  TLC080AIP Datasheet HTML 1Page - Texas Instruments TLC080AIP Datasheet HTML 2Page - Texas Instruments TLC080AIP Datasheet HTML 3Page - Texas Instruments TLC080AIP Datasheet HTML 4Page - Texas Instruments TLC080AIP Datasheet HTML 5Page - Texas Instruments TLC080AIP Datasheet HTML 6Page - Texas Instruments TLC080AIP Datasheet HTML 7Page - Texas Instruments TLC080AIP Datasheet HTML 8Page - Texas Instruments TLC080AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
+
–
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
Check for Samples: TLC080 , TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
1
FEATURES
DESCRIPTION
The
first
members
of
TI
’s
new
BiMOS
23
•
Wide Bandwidth: 10 MHz
general-purpose operational amplifier family are the
•
High Output Drive:
TLC08x. The BiMOS family concept is simple:
– IOH: 57 mA at VDD – 1.5 V
provide an upgrade path for BiFET users who are
moving
away
from
dual-supply
to
single-supply
– IOL: 55 mA at 0.5 V
systems and demand higher ac and dc performance.
•
High Slew Rate:
With performance rated from 4.5 V to 16 V across
– SR+: 16 V/µs
commercial (0
°C to 70°C) and an extended industrial
temperature range (
–40°C to 125°C), BiMOS suits a
– SR–: 19 V/µs
wide range of audio, automotive, industrial, and
•
Wide Supply Range: 4.5 V to 16 V
instrumentation applications. Familiar features like
•
Supply Current: 1.9 mA/Channel
offset nulling pins, and new features like MSOP
PowerPAD
™ packages and shutdown modes, enable
•
Ultralow Power Shutdown Mode:
higher
levels
of
performance
in
a
variety
of
– IDD: 125 µA/Channel
applications.
•
Low Input Noise Voltage: 8.5 nV
√Hz
Developed in TI
’s patented LBC3 BiCMOS process,
•
Input Offset Voltage: 60
µV
the new BiMOS amplifiers combine a very high input
•
Ultra-Small Packages:
impedance,
low-noise
CMOS
front
end
with
a
high-drive bipolar output stage, thus providing the
– 8- or 10-Pin MSOP (TLC080/1/2/3)
optimum
performance
features
of
both.
AC
performance improvements over the TL08x BiFET
predecessors include a bandwidth of 10 MHz (an
increase of 300%) and voltage noise of 8.5 nV/
√Hz
(an improvement of 60%). DC improvements include
an ensured VICR that includes ground, a factor of 4
reduction in input offset voltage down to 1.5 mV
(maximum) in the standard grade, and a power
supply rejection improvement of greater than 40 dB to
130 dB. Added to this list of impressive features is
the ability to drive
±50-mA loads comfortably from an
ultrasmall-footprint MSOP PowerPAD package, which
positions the TLC08x as the ideal high-performance
general-purpose operational amplifier family.
FAMILY PACKAGE TABLE
PACKAGE TYPES
NO. OF
UNIVERSAL
DEVICE
CHANNELS
EVM BOARD
MSOP
PDIP
SOIC
TSSOP
SHUTDOWN
TLC080
1
8
8
8
—
Yes
TLC081
1
8
8
8
—
Refer to the EVM
TLC082
2
8
8
8
—
—
Selection Guide
TLC083
2
10
14
14
—
Yes
(Lit# SLOU060)
TLC084
4
14
14
20
—
TLC085
4
16
16
20
Yes
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 1999–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC080AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080AIP TI-TLC080AIP Datasheet
1Mb / 47P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080AIP TI-TLC080AIP Datasheet
1Mb / 52P
FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080AIP TI-TLC080AIP Datasheet
1Mb / 48P
FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080AIP TI-TLC080AIP Datasheet
1Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080AIPE4 TI-TLC080AIPE4 Datasheet
1Mb / 47P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC080AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC070 TI-TLC070 Datasheet
1Mb / 48P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com