Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3545 Datasheet(PDF) 3 Page - Supertex, Inc

Part # DN3545
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545 Datasheet(HTML) 3 Page - Supertex, Inc

  DN3545_13 Datasheet HTML 1Page - Supertex, Inc DN3545_13 Datasheet HTML 2Page - Supertex, Inc DN3545_13 Datasheet HTML 3Page - Supertex, Inc DN3545_13 Datasheet HTML 4Page - Supertex, Inc DN3545_13 Datasheet HTML 5Page - Supertex, Inc DN3545_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-DN3545
C070113
DN3545
Typical Performance Curves
V
DS (volts)
VGS = +2.0V
Output Characteristics
-0.5V
-0.8V
-1.0V
-1.5V
Saturation Characteristics
V
DS (volts)
V
GS = +2V
+1.0V
0V
-0.5V
-0.8V
-1.0V
I
D (amperes)
Transconductance vs. Drain Current
Power Dissipation vs. Ambient Temperature
T
A (
O
C)
0V
-1.5V
0
50
100
150
200
250
300
350
400
450
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.0V
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.1
0.2
0.3
0.4
0
0.2
0.4
0.6
0.8
V
DS = 10V
T
A = -55
O
C
T
A = 25
O
C
T
A = 125
O
C
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
TO-243AA
TO-92
Maximum Rated Safe Operating Area
V
DS (volts)
1
1000
100
10
TO-243AA (Pulsed)
T
A = 25
O
C
0.001
0.01
0.1
1.0
TO-243AA (DC)
TO-92 (DC)
TO-92 (Pulsed)
Thermal Response Characteristics
t
P (seconds)
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1
TO-243AA
TA = 25OC
PD = 1.6W
TO-92
T
C = 25
O
C
P
D = 1.0W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com