Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2540 Datasheet(PDF) 2 Page - Supertex, Inc

Part # DN2540
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2540 Datasheet(HTML) 2 Page - Supertex, Inc

  DN2540_13 Datasheet HTML 1Page - Supertex, Inc DN2540_13 Datasheet HTML 2Page - Supertex, Inc DN2540_13 Datasheet HTML 3Page - Supertex, Inc DN2540_13 Datasheet HTML 4Page - Supertex, Inc DN2540_13 Datasheet HTML 5Page - Supertex, Inc DN2540_13 Datasheet HTML 6Page - Supertex, Inc DN2540_13 Datasheet HTML 7Page - Supertex, Inc DN2540_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-DN2540
B060313
DN2540
Thermal Characteristics
Package
I
D
(continuous)†
I
D
(pulsed)
Power Dissipation
@T
C = 25
O
C
I
DR
†
I
DRM
TO-92
120mA
500mA
1.0W
120mA
500mA
TO-220
500mA
500mA
15W
500mA
500mA
TO-243AA
170mA
500mA
1.6W‡
170mA
500mA
Notes:
†
I
D (continuous) is limited by max rated Tj.
‡
Mounted on FR5 board, 25mm x 25mm x 1.57mm, T
A = 25
O
C.
Product Marking
TO-243AA (SOT-89)
TO-220
TO-92
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSX
Drain-to-source breakdown voltage
400
-
-
V
V
GS = -5.0V, ID = 100µA
V
GS(OFF)
Gate-to-source off voltage
-1.5
-
-3.5
V
V
DS = 25V, ID = 10µA
ΔV
GS(OFF)
Change in V
GS(OFF) with temperature
-
-
-4.5
mV/OC V
DS = 25V, ID = 10µA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
D(OFF)
Drain-to-source leakage current
-
-
10
µA
V
DS = Max rating, VGS = -10V
-
-
1.0
mA
V
DS = 0.8 Max Rating,
V
GS = -10V, TA = 125
O
C
I
DSS
Saturated drain-to-source current
150
-
-
mA
V
GS = 0V, VDS = 25V
R
DS(ON)
Static drain-to-source on-state
resistance
-
17
25
Ω
V
GS = 0V, ID = 120mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.1
%/OC
V
GS = 0V, ID = 120mA
G
FS
Forward transconductance
-
325
-
mmho V
DS = 10V, ID = 100mA
C
ISS
Input capacitance
-
200
300
pF
V
GS = -10V,
V
DS = 25V,
f = 1MHz
C
OSS
Common source output capacitance
-
12
30
C
RSS
Reverse transfer capacitance
-
1.0
5.0
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
DN2540N5
LLLLLLLLL
YYWW
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
DN
2540
YYWW
DN5DW W = Code for week sealed
= “Green” Packaging
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com