Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1101AI2 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC1101AI2
Description  Low-Jitter Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1101AI2 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC1101AI2 Datasheet HTML 1Page - Micrel Semiconductor DSC1101AI2 Datasheet HTML 2Page - Micrel Semiconductor DSC1101AI2 Datasheet HTML 3Page - Micrel Semiconductor DSC1101AI2 Datasheet HTML 4Page - Micrel Semiconductor DSC1101AI2 Datasheet HTML 5Page - Micrel Semiconductor DSC1101AI2 Datasheet HTML 6Page - Micrel Semiconductor DSC1101AI2 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 3
MK-Q-B-P-D-110410-01-6
DSC1101
Low-Jitter Precision CMOS Oscillator
DSC1121
Nominal Performance Parameters (Unless specified otherwise: T=25° C, VDD=3.3 V)
Phase jitter (integrated phase noise)
Power supply rejection ratio
Output Waveform
Typical Termination Scheme
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
25MHz-CMOS
50MHz-CMOS
106MHz-CMOS
125MHz-CMOS
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
1000
10000
Supply Noise Frequency (kHz)
50-mV
100-mV
VDD
0.1uF
2
3
4
5
6
CL CMOS load
capacitance
VOH
VOL
VIL
1/fo
Output
Enable
tDA
tEN
tF
tR
VIH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com