Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL520 Datasheet(PDF) 3 Page - Supertex, Inc

Part # CL520
Description  Linear, Fixed Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL520 Datasheet(HTML) 3 Page - Supertex, Inc

  CL520 Datasheet HTML 1Page - Supertex, Inc CL520 Datasheet HTML 2Page - Supertex, Inc CL520 Datasheet HTML 3Page - Supertex, Inc CL520 Datasheet HTML 4Page - Supertex, Inc CL520 Datasheet HTML 5Page - Supertex, Inc CL520 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CL520
Supertex inc.
www.supertex.com
Doc.# DSFP-CL520
A052013
Electrical Characteristics
(Over recommended operating conditions. T
A = 25
O
C unless otherwise specified. All voltages with respect to GND pin)
Sym
Parameter
Min
Typ
Max
Units Conditions
I
DD
Current into VDD pin
-
-
1.0
mA
---
I
OUT
Current into OUT pin
18
20
22
mA
1.0V < V
OUT < 90V
-
-
22
V
OUT <1.0V
I
OUT(OFF)
Current into OUT pin with VDD pin open
-
-
10
µA
V
DD = open
V
DD(OFF)
Voltage at VDD to shut off LED current
-
-
1.0
V
I
OUT < 10µA
t
ON
VDD applied on time
-
-
100
µs
---
t
OFF
VDD removed off time
-
-
100
µs
---
Temperature Effects
1.02
1.00
0.98
0.96
0.94
0.92
-50
0
50
100
150
Junction Temperature (OC)
120
25
-40
V
OUT = 90V, 100ms
V
OUT = 1.0V
Application Circuits
Switched LED
Control
V
IN
4.75 – 90V
OUT
GND
VDD
I
OUT
100nF
20mA
Seperate LED Supply
(V
OUT may be higher or lower than VDD.)
Control
V
IN
OUT
GND
VDD
20mA
V
DD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com