Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL520N3-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL520N3-G
Description  Linear, Fixed Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL520N3-G Datasheet(HTML) 2 Page - Supertex, Inc

  CL520N3-G Datasheet HTML 1Page - Supertex, Inc CL520N3-G Datasheet HTML 2Page - Supertex, Inc CL520N3-G Datasheet HTML 3Page - Supertex, Inc CL520N3-G Datasheet HTML 4Page - Supertex, Inc CL520N3-G Datasheet HTML 5Page - Supertex, Inc CL520N3-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CL520
Supertex inc.
www.supertex.com
Doc.# DSFP-CL520
A052013
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to +100V
Output voltage, V
OUT
-0.5V to +100V
Operating junction temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground..
Sym
Parameter
Min
Typ
Max Units Conditions
V
DD
Supply voltage
4.75
-
90
V
---
V
OUT
Voltage at OUT pin1
1.0
-
90
V
---
T
J
Junction temperature
-40
-
125
o
C
---
C
DD
V
DD bypass capacitor
100
-
-
nF
Recommended Operating Conditions (all voltages with respect to GND pin)
Pin Configurations
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
CL520K4
LLLLLLL
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
CL
520
YYWW
TO-92
TO-252 (D-PAK)
VDD
OUT
GND
TO-92
TO-252 (D-PAK)
Product Marking
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Typical Thermal Resistance
Package
θ
ja
TO-252 (D-PAK)
81OC/W*
TO-92
132OC/W*
* Mounted on JEDEC test PCB (2s 2p)
Part Number
Package Options
Packing
CL520K4-G
TO-252 (D-PAK)
2000/Reel
CL520N3-G
TO-92
1000/Bag
CL520N3-G P002
TO-92
2000/Reel
CL520N3-G P003
TO-92
2000/Reel
CL520N3-G P005
TO-92
2000/Reel
CL520N3-G P013
TO-92
2000/Reel
CL520N3-G P014
TO-92
2000/Reel
Ordering Information
OUT
VDD
GND
-G denotes a lead (Pb)-free / RoHS compliant package
Refer to ‘P0xx’ Tape & Reel Specs for P002, P003, P005, P013, and P014
TO-92 Taping Specifications and Winding Styles



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com