Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1001AC5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1001AC5
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001AC5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1001AC5 Datasheet HTML 1Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 2Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 3Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 4Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 5Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 6Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
Nominal Performance Characteristics
0
4
8
12
16
20
24
0
50
100
150
Frequency (MHz)
Supply Current
0pF
8pF
15pF
Vdd = 3.65V
Ta = 25°C
0
4
8
12
16
0
50
100
150
Frequency (MHz)
Supply Current
0pF
8pF
15pF
Vdd = 1.65V
Ta = 25°C
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Rise Time
-40°C
25°C
85°C
Vdd = 3.3V
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Rise Time
-40°C
25°C
85°C
Vdd = 1.8V
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Fall Time
-40°C
25°C
85°C
Vdd = 3.3V
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Fall Time
-40°C
25°C
85°C
Vdd = 1.8V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com