Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933 Datasheet(PDF) 2 Page - Supertex, Inc

Part # AT9933
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 Datasheet(HTML) 2 Page - Supertex, Inc

  AT9933_12 Datasheet HTML 1Page - Supertex, Inc AT9933_12 Datasheet HTML 2Page - Supertex, Inc AT9933_12 Datasheet HTML 3Page - Supertex, Inc AT9933_12 Datasheet HTML 4Page - Supertex, Inc AT9933_12 Datasheet HTML 5Page - Supertex, Inc AT9933_12 Datasheet HTML 6Page - Supertex, Inc AT9933_12 Datasheet HTML 7Page - Supertex, Inc AT9933_12 Datasheet HTML 8Page - Supertex, Inc AT9933_12 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
AT9933
Supertex inc.
www.supertex.com
Doc.# DSFP-AT9933
B061710
Ordering Information
Device
8-Lead SOIC
4.90x3.90mm body
1.75mm height (max)
1.27mm pitch
AT9933
AT9933LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN to GND
-0.5V to +75V
CS1, CS2, PWMD, GATE to GND
-0.3V to (V
DD + 0.3V)
V
DD(MAX)
12V
Continuous Power Dissipation (T
A = +25°C)
8-Pin SOIC
700mW
Junction temperature
+150°C
Storage temperature range
-65°C to +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Pin Configuration
REF
CS2
VDD
PWMD
VIN
CS1
GND
GATE
8
7
6
5
1
2
3
4
Sym
Parameter
Min
Typ
Max
Units Conditions
Input
V
INDC
Input DC supply voltage range1
*
(2)
-
75
V
DC input voltage
I
INSD
Shut-down mode supply current1
-
-
0.5
1.0
mA
PWMD connected to GND,
V
IN = 12V
Internal Regulator
V
DD
Internally regulated voltage
*
7.0
7.5
9.0
V
V
IN = 8 - 75V, IDD(ext) = 0,
500pF capacitor at GATE,
PWMD = GND
UVLO
V
DD undervoltage lockout threshold
*
6.35
6.70
7.05
V
V
DD rising
∆UVLO V
DD undervoltage lockout hysteresis
-
-
500
-
mV
---
Notes:
1. Also limited by package power dissipation limit, whichever is lower.
2. Depends on the current drawn by the part - see application section.
*
Specifications apply over the full operating ambient temperature range of -40ºC < T
A < +125ºC. Guaranteed by design and characterization.
Electrical Characteristics (Specifications are at T
A = 25°C. VIN = Open, VDD = 7.5V unless otherwise noted)
Thermal Resistance
Package
θ
ja
8-Lead SOIC
128 OC/W
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
9933
LLLL
Product Marking
8-Lead SOIC (LG)
8-Lead SOIC (LG)
(top view)
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com