Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU02 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # EU02
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EU02 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  EU02 Datasheet HTML 1Page - Diode Semiconductor Korea EU02 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
EU02Z(Z)--- EU02A(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.4 -- PEAK FORWARD SURGE CURRENT
SETTIMEBASEFOR10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
trr
-1.0A
-0.25A
0
+0.5A
1cm
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
S ingle P hase
Half W ave 60H z
Resistive or
Inductive Load
0
0.01
0.04
0.1
1.0
10
100
TJ=25
Pulse Width=300
µS
0.2
0.4
0.6 0.8 1
1.2 1.4 1.6 1.8 2
1
5
10
50
0
5
10
15
     TJ=25
1
2
4
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
EU02Z,EU02
EU02A
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com