Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU02A Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # EU02A
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EU02A Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  EU02A Datasheet HTML 1Page - Diode Semiconductor Korea EU02A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffused junction
MECHANICAL DATA
Cas e: JEDEC DO-41, m olded plas tic
Method 208
Mounting: Any
Ratings at 25
am bient tem perature unless otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length
@T
A=75
Peak forw ard surge current
10ms single half-sine-w ave
superimplsed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 1.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev ers e v oltage of 4. 0V D C .
3. Therm al resistance junction to ambient.
IF(AV)
20
IR
600
20
15
NOTE:1. Measured with I
F=0. 5A, I R=1A, Irr=0. 25A.
High current capability
Polarity: Color band denotes cathode
Weight: 0.012 ounces , 0.34 gram s
140
IFSM
s im ilar solvents
Eas ily cleaned with freon, Alcohol, lsopropand and
- 55 ----- + 150
HIGH EFFICIENCY RECTIFIERS
VOLTAGE RANGE: 200--- 600 V
CURRENT: 1.0 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 41
Low leakage
Low forward voltage drop
200
400
A
EU02Z(Z)---EU02A(Z)
280
400
600
420
UNITS
A
A
1.0
15.0
1.4
- 55 ----- + 150
10.0
300.0
100
Term inals : Axial leads ,s olderable per MIL-STD-202,
EU02Z
EU02A
EU02
200
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - EU02A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU02A SANKEN-EU02A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
EU02A SANKEN-EU02A Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EU02A BILIN-EU02A Datasheet
53Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
EU02A LUGUANG-EU02A Datasheet
174Kb / 2P
High Efficiency Rectifiers
logo
Galaxy Semi-Conductor H...
EU02AZ BILIN-EU02AZ Datasheet
53Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - EU02A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com