Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954
Description  5-V and Adjustable Micropower LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2954 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2954 Datasheet HTML 9Page - Texas Instruments LP2954 Datasheet HTML 10Page - Texas Instruments LP2954 Datasheet HTML 11Page - Texas Instruments LP2954 Datasheet HTML 12Page - Texas Instruments LP2954 Datasheet HTML 13Page - Texas Instruments LP2954 Datasheet HTML 14Page - Texas Instruments LP2954 Datasheet HTML 15Page - Texas Instruments LP2954 Datasheet HTML 16Page - Texas Instruments LP2954 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IN
OUT
GND
VIN
5 V OUT
1 µF
2.2 µF
LOAD
13
LP2954, LP2954A
www.ti.com
SNVS096E – JUNE 1999 – REVISED JULY 2016
Product Folder Links: LP2954 LP2954A
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP2954-N is a linear voltage regulator operating from 2.3 V to 30 V on the input and regulated output
voltage of 5 V with typical 0.5% accuracy (LP2954AI) and 250 mA maximum output current. For linear voltage
regulator the efficiency is defined by the ratio of output voltage to input voltage (efficiency = VOUT/VIN). To
achieve high efficiency, the dropout voltage (VIN – VOUT) must be as small as possible, thus requiring a very low
dropout LDO. Successfully implementing an LDO in an application depends on the application requirements. If
the requirements are simply input voltage and output voltage, compliance specifications (such as internal power
dissipation or stability) must be verified to ensure a solid design. If timing, start-up, noise, PSRR, or any other
transient specification is required, the design becomes more challenging.
8.2 Typical Application
Figure 18. LP2954 Typical Application
8.2.1 Design Requirements
For typical LDO applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.5 V to 30 V
Output voltage
1.23 V to 29 V
Output current
250 mA (maximum)
RMS noise, 10 Hz to100 kHz
260 μVRMS
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
A 2.2 μF (or greater) capacitor is required between the OUT pin and GND to assure stability (refer to Figure 20).
Without this capacitor, the device may oscillate. Most types of tantalum or aluminum electrolytic capacitors work
here. Film-type capacitors work, but are more expensive. Many aluminum electrolytics contain electrolytes which
freeze at
−30°C, which requires the use of solid tantalums below −25°C. The important parameters of the
capacitor are an equivalent series resistance (ESR) of about 5 Ω or less and a resonant frequency above 500
kHz (the ESR may increase by a factor of 20 or 30 as the temperature is reduced from 25°C to
−30°C). The
value of this capacitor may be increased without limit. At lower values of output current, less output capacitance
is required for stability. The capacitor can be reduced to 0.68 μF for currents below 10 mA or 0.22 μF for currents
below 1 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com