Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2960
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960 Datasheet(HTML) 2 Page - Texas Instruments

  LP2960 Datasheet HTML 1Page - Texas Instruments LP2960 Datasheet HTML 2Page - Texas Instruments LP2960 Datasheet HTML 3Page - Texas Instruments LP2960 Datasheet HTML 4Page - Texas Instruments LP2960 Datasheet HTML 5Page - Texas Instruments LP2960 Datasheet HTML 6Page - Texas Instruments LP2960 Datasheet HTML 7Page - Texas Instruments LP2960 Datasheet HTML 8Page - Texas Instruments LP2960 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
using:
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator
LP2960
SNVS112C – APRIL 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
LP2960AI/LP2960I
−40°C to +125°C
Lead Temperature (Soldering, 5 sec.)
260°C
Power Dissipation(2)
Internally Limited
Input Supply Voltage
−20V to +30V
Feedback Input Voltage(3)
−0.3V to +5V
Comparator Input Voltage(4)
−0.3V to +30V
Comparator Output Voltage(4)
−0.3V to +30V
ESD Rating(5)
1.5 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ (max), the junction-to-ambient thermal
resistance,
θJ−A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
will go into thermal shutdown. See Application Hints for additional information on heatsinking and thermal resistance.
(3)
When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped
to ground.
(4)
May exceed the input supply voltage.
(5)
Human Body Model, 200 pF discharged through 1.5 k
Ω.
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: CIN = 4.7 μF, VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 10 μF for 5V parts or COUT = 22 μF for 3.3V
parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin, VS/D = 2V.
LP2960AI(1)
LP2960I(1)
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Min
Max
VO
Output Voltage
4.962
5.038
4.925
5.075
1 mA
≤ IL ≤ 500 mA
5.0
(5V Versions)
4.930
5.070
4.880
5.120
V
Output Voltage
3.275
3.325
3.250
3.350
1 mA
≤ IL ≤ 500 mA
3.3
(3.3 Versions)
3.254
3.346
3.221
3.379
Output Voltage
See(2)
20
130
160
ppm/°C
Temperature Coefficient
Output Voltage
0.2
0.4
VIN = [VO(NOM) + 1V] to 30V
0.06
%
Line Regulation
0.5
0.8
Output Voltage
0.16
0.20
See(3)
0.08
%
Load Regulation
0.30
0.40
(1)
All room temperature limits are 100% production tested. All limits at temperature extremes are ensured via correlation using standard
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level.
(2)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(3)
Output voltage load regulation is measured at constant junction temperature using low duty cycle pulse testing. Two separate tests are
performed, one for the load current range of 100
μA to 1 mA and one for the 1 mA to 500 mA range. Changes in output voltage due to
heating effects are covered by the thermal regulation specification.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com