Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954AIT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954AIT/NOPB
Description  5-V and Adjustable Micropower LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2954AIT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP2954AIT/NOPB Datasheet HTML 1Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 2Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 3Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 4Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 5Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 6Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 7Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 8Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LP2954, LP2954A
SNVS096E – JUNE 1999 – REVISED JULY 2016
www.ti.com
Product Folder Links: LP2954 LP2954A
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagrams ..................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application ................................................. 13
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
11
Device and Documentation Support ................. 19
11.1
Related Documentation ....................................... 19
11.2
Related Links ........................................................ 19
11.3
Receiving Notification of Documentation Updates 19
11.4
Community Resources.......................................... 19
11.5
Trademarks ........................................................... 19
11.6
Electrostatic Discharge Caution ............................ 19
11.7
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
•
Changed "voltage regulator" to "LDO".................................................................................................................................... 1
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections; added top nav icon for TI Designs ....................................................................................................... 1
•
Changed RθJA value for DDPAK/TO-263 from "73°C/W" to "44.3°C/W"; TO-220 from "60°C/W" to "80.3°C/W"; SOIC
from "160°C/W" to "105.0°C/W". These values were in former FN 3 to Abs Max table......................................................... 4
•
Added Power Dissipation ..................................................................................................................................................... 15
•
Added Estimating Junction Temperature ............................................................................................................................. 15
Changes from Revision C (March 2013) to Revision D
Page
•
Changed layout of National Semiconductor data sheet to TI format.................................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com