Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2989 Datasheet HTML 2Page - Texas Instruments LP2989 Datasheet HTML 3Page - Texas Instruments LP2989 Datasheet HTML 4Page - Texas Instruments LP2989 Datasheet HTML 5Page - Texas Instruments LP2989 Datasheet HTML 6Page - Texas Instruments LP2989 Datasheet HTML 7Page - Texas Instruments LP2989 Datasheet HTML 8Page - Texas Instruments LP2989 Datasheet HTML 9Page - Texas Instruments LP2989 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VSD = 2 V.
LP2989AI-X.X(1)
LP2989I-X.X (1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOUT = 100 µA
110
175
110
175
µA
IOUT = 100 µA, –40°C ≤ TJ ≤
110
200
110
200
125°C
IOUT= 200 mA
1
2
1
2
mA
IOUT = 200 mA, –40°C ≤ TJ
1
3.5
1
3.5
≤ 125°C
IGND
Ground pin current
IOUT = 500 mA
3
6
3
6
mA
IOUT = 500 mA, –40°C ≤ TJ
3
9
3
9
≤ 125°C
VSD < 0.18 V, –40°C ≤ TJ ≤
0.5
2
0.5
2
125°C
µA
VSD < 0.4 V
0.05
0.8
0.05
0.8
IOUT(PK)
Peak output current
VOUT ≥ VOUT(NOM) − 5%
600
800
600
800
mA
IOUT(MAX)
Short circuit current
RL = 0 (Steady State)
(3)
1000
1000
mA
BW = 100 Hz to 100 kHz,
Output noise voltage
en
COUT = 10 µF, CBYPASS =
18
18
µV(RMS)
(RMS)
.01 µF, VOUT = 2.5 V
ΔVOUT/ΔVIN
Ripple Rejection
f = 1 kHz, COUT = 10 µF
60
60
dB
Output voltage
ΔVOUT/ΔTD
See(4), –40°C
≤ TJ ≤ 125°C
20
20
ppm/°C
temperature coefficient
SHUTDOWN INPUT
VH = Output ON
1.4
1.4
VH = Output ON, –40°C ≤ TJ
1.6
1.6
≤ 125°C
VSD
SD Input voltage
V
VL = Output OFF
0.5
0.5
VL = Output OFF, IIN ≤ 2 µA,
0.18
0.18
–40°C
≤ TJ ≤ 125°C
VSD = 0
0.001
0.001
VSD = 0, –40°C ≤ TJ ≤
−1
−1
125°C
ISD
SD Input current
µA
VSD = 5 V
5
5
VSD = 5 V, –40°C ≤ TJ ≤
15
15
125°C
ERROR COMPARATOR
VOH = 16 V
0.001
1
0.001
1
IOH
Output “HIGH” leakage
µA
VOH = 16 V, –40°C ≤ TJ ≤
0.001
2
0.001
2
125°C
VIN = VOUT(NOM) − 0.5 V,
150
220
150
220
IOUT(COMP) = 150 µA
VOL
Output “LOW” voltage
mV
VIN = VOUT(NOM) − 0.5 V,
IOUT(COMP) = 150 µA, –40°C
150
350
150
350
≤ TJ ≤ 125°C
−6
−4.8
−3.5
−6
−4.8
−3.5
VTHR(MAX)
Upper threshold voltage
%VOUT
–40°C
≤ TJ ≤ 125°C
−8.3
−4.8
−2.5
−8.3
−4.8
−2.5
−8.9
−6.6
−4.9
−8.9
−6.6
−4.9
VTHR(MIN)
Lower threshold voltage
–40°C
≤ TJ ≤ 125°C
−13
−6.6
−3
−13
−6.6
−3
%VOUT
HYST
Hysteresis
2
(3)
See the Typical Characteristics section.
(4)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com