Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8761ED Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8761ED
Description  24BIT 192KHZ STEREO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8761ED Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8761ED Datasheet HTML 9Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 10Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 11Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 12Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 13Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 14Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 15Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 16Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
WM8761
Production Data
w
PD Rev 4.0 May 2004
13
HARDWARE CONTROL MODES
The WM8761 is hardware programmable providing the user with options to select input audio data
format, de-emphasis and mute.
MUTE AND AUTO MUTE OPERATION
Pin 10 (MUTE) controls selection of MUTE directly, and can be used to enable and disable the
automute function, or as an output of the automuted signal.
MUTEB PIN
DESCRIPTION
0
Normal Operation, MUTE off
1
Mute DAC channels
Floating
Enable IZD, MUTE becomes an output to indicate when IZD occurs.
Table 2 Mute and Automute Control
Figure 7 Application and Release of MUTE
The MUTE pin is an input to select mute or not mute. MUTE is active high; taking the pin high
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking
MUTE low again allows data into the filter. Refer to Figure 7.
The Infinite Zero Detect (IZD) function detects a series of zero value audio samples of 1024
samples long being applied to both channels. After such an event, a latch is set whose output
(AUTOMUTED) is connected through a 10kohm resistor to the MUTE pin. Thus if the MUTE pin is
not being driven, the automute function will assert mute.
If MUTE is tied low, AUTOMUTED is overridden and will not mute. If MUTE is driven from a bi-
directional source, then both MUTE and automute functions are available. If MUTE is not driven,
AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive
external mute circuits. AUTOMUTED will be removed as soon as any channel receives a non-zero
input.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com