Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2998
Description  DDR Termination Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2998 Datasheet(HTML) 4 Page - Texas Instruments

  LP2998 Datasheet HTML 1Page - Texas Instruments LP2998 Datasheet HTML 2Page - Texas Instruments LP2998 Datasheet HTML 3Page - Texas Instruments LP2998 Datasheet HTML 4Page - Texas Instruments LP2998 Datasheet HTML 5Page - Texas Instruments LP2998 Datasheet HTML 6Page - Texas Instruments LP2998 Datasheet HTML 7Page - Texas Instruments LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
www.ti.com
Pin Descriptions (continued)
The purpose of the sense pin is to provide improved remote load regulation. In most motherboard applications the
VSENSE
termination resistors will connect to VTT in a long plane. If the output voltage was regulated only at the output of the
LP2998 then the long trace will cause a significant IR drop resulting in a termination voltage lower at one end of the bus
than the other. The VSENSE pin can be used to improve this performance, by connecting it to the middle of the bus. This
will provide a better distribution across the entire termination bus. If remote load regulation is not used then the VSENSE
pin must still be connected to VTT. Care should be taken when a long VSENSE trace is implemented in close proximity to
the memory. Noise pickup in the VSENSE trace can cause problems with precise regulation of VTT. A small 0.1 uF
ceramic capacitor placed next to the VSENSE pin can help filter any high frequency signals and preventing errors.
SHUTDOWN
The LP2998 contains an active low shutdown pin that can be used to tri-state VTT. During shutdown VTT should not be
exposed to voltages that exceed AVIN. With the shutdown pin asserted low the quiescent current of the LP2998 will
drop, however, VDDQ will always maintain its constant impedance of 100 kΩ for generating the internal reference.
Therefore, to calculate the total power loss in shutdown both currents need to be considered. For more information refer
to the Thermal Dissipation section. The shutdown pin also has an internal pull-up current, therefore to turn the part on
the shutdown pin can either be connected to AVIN or left open.
VREF
VREF provides the buffered output of the internal reference voltage VDDQ / 2. This output should be used to provide the
reference voltage for the Northbridge chipset and memory. Since these inputs are typically an extremely high
impedance, there should be little current drawn from VREF. For improved performance, an output bypass capacitor can
be used, located close to the pin, to help with noise. A ceramic capacitor in the range of 0.1 µF to 0.01 µF is
recommended. This output remains active during the shutdown state and thermal shutdown events for the suspend to
RAM functionality.
VTT
VTT is the regulated output that is used to terminate the bus resistors. It is capable of sinking and sourcing current while
regulating the output precisely to VDDQ / 2. The LP2998 is designed to handle peak transient currents of up to ± 3 A
with a fast transient response. The maximum continuous current is a function of VIN and can be viewed in the Typical
Characteristics section. If a transient is expected to last above the maximum continuous current rating for a significant
amount of time then the output capacitor should be sized large enough to prevent an excessive voltage drop. Despite
the fact that the LP2998 is designed to handle large transient output currents it is not capable of handling these for long
durations, under all conditions. The reason for this is the standard packages are not able to thermally dissipate the heat
as a result of the internal power loss. If large currents are required for longer durations, then care should be taken to
ensure that the maximum junction temperature is not exceeded. Proper thermal derating should always be used (please
refer to the Thermal Dissipation section). If the junction temperature exceeds the thermal shutdown point than VTT will
tri-state until the part returns below the hysteretic trip-point.
4
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com