Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3470 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3470
Description  Voltage Supervisor With Programmable Delay
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470 Datasheet(HTML) 1 Page - Texas Instruments

  LP3470 Datasheet HTML 1Page - Texas Instruments LP3470 Datasheet HTML 2Page - Texas Instruments LP3470 Datasheet HTML 3Page - Texas Instruments LP3470 Datasheet HTML 4Page - Texas Instruments LP3470 Datasheet HTML 5Page - Texas Instruments LP3470 Datasheet HTML 6Page - Texas Instruments LP3470 Datasheet HTML 7Page - Texas Instruments LP3470 Datasheet HTML 8Page - Texas Instruments LP3470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP3470
SNVS003G – JUNE 1999 – REVISED APRIL 2016
LP3470 Voltage Supervisor With Programmable Delay and 1% Reset Threshold
1
1 Features
1
•
5-Pin SOT-23 Package
•
Open-Drain Reset Output
•
Programmable Reset Time-Out Period Using an
External Capacitor
•
Immune to Short VCC Transients
•
±1% Reset Threshold Accuracy Over
Temperature
•
Low Quiescent Current (16 µA typical)
•
Reset Valid Down to VCC = 0.5 V
2 Applications
•
Critical µP and µC Power Monitoring
•
Intelligent Instruments
•
Computers
•
Portable and Battery-Powered Equipment
3 Description
The
LP3470
device
is
a
micropower
voltage
supervisory circuit designed to monitor voltages
within 1% of reset threshold over temperature. It
provides maximum adjustability for power-on-reset
(POR) and supervisory functions.
The LP3470 asserts a reset signal whenever the VCC
supply voltage falls below a reset threshold. The
reset time-out period is adjustable using an external
capacitor. Reset remains asserted for an interval
(programmed by an external capacitor) after VCC has
risen above the threshold voltage.
For information on available reset threshold voltage
options, see Mechanical, Packaging, and Orderable
Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP3470
SOT-23 (5)
1.60 mm × 2.90 mm
(1) For
all
available
packages,
see
the
Package
Option
Addendum at the end of the data sheet.
Basic Operating Circuit


Similar Part No. - LP3470

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3470 NSC-LP3470 Datasheet
568Kb / 8P
Tiny Power On Reset Circuit
logo
Texas Instruments
LP3470A TI1-LP3470A Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A TI1-LP3470A Datasheet
1Mb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A TI2-LP3470A Datasheet
741Kb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
REVISED MAY 2020
LP3470A263 TI1-LP3470A263 Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
More results

Similar Description - LP3470

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1 Datasheet
987Kb / 34P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_V01 Datasheet
1Mb / 38P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3760 TI-TPS3760_V01 Datasheet
1Mb / 40P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com