Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2996M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996M
Description  DDR Termination Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2996M Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2996M Datasheet HTML 4Page - Texas Instruments LP2996M Datasheet HTML 5Page - Texas Instruments LP2996M Datasheet HTML 6Page - Texas Instruments LP2996M Datasheet HTML 7Page - Texas Instruments LP2996M Datasheet HTML 8Page - Texas Instruments LP2996M Datasheet HTML 9Page - Texas Instruments LP2996M Datasheet HTML 10Page - Texas Instruments LP2996M Datasheet HTML 11Page - Texas Instruments LP2996M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
VSENSE
The purpose of the sense pin is to provide improved remote load regulation. In most motherboard applications
the termination resistors will connect to VTT in a long plane. If the output voltage was regulated only at the output
of the LP2996-N then the long trace will cause a significant IR drop resulting in a termination voltage lower at
one end of the bus than the other. The VSENSE pin can be used to improve this performance, by connecting it to
the middle of the bus. This will provide a better distribution across the entire termination bus. If remote load
regulation is not used then the VSENSE pin must still be connected to VTT. Care should be taken when a long
VSENSE trace is implemented in close proximity to the memory. Noise pickup in the VSENSE trace can cause
problems with precise regulation of VTT. A small 0.1uF ceramic capacitor placed next to the VSENSE pin can help
filter any high frequency signals and preventing errors.
SHUTDOWN
The LP2996-N contains an active low shutdown pin that can be used to tri-state VTT. During shutdown VTT
should not be exposed to voltages that exceed AVIN. With the shutdown pin asserted low the quiescent current
of the LP2996-N will drop, however, VDDQ will always maintain its constant impedance of 100kΩ for generating
the internal reference. Therefore to calculate the total power loss in shutdown both currents need to be
considered. For more information refer to the Thermal Dissipation section. The shutdown pin also has an internal
pull-up current, therefore to turn the part on the shutdown pin can either be connected to AVIN or left open.
VREF
VREF provides the buffered output of the internal reference voltage VDDQ / 2. This output should be used to
provide the reference voltage for the Northbridge chipset and memory. Since these inputs are typically an
extremely high impedance, there should be little current drawn from VREF. For improved performance, an output
bypass capacitor can be used, located close to the pin, to help with noise. A ceramic capacitor in the range of
0.1 µF to 0.01 µF is recommended. This output remains active during the shutdown state and thermal shutdown
events for the suspend to RAM functionality.
VTT
VTT is the regulated output that is used to terminate the bus resistors. It is capable of sinking and sourcing
current while regulating the output precisely to VDDQ / 2. The LP2996-N is designed to handle peak transient
currents of up to ± 3A with a fast transient response. The maximum continuous current is a function of VIN and
can be viewed in the Typical Performance Characteristics section. If a transient is expected to last above the
maximum continuous current rating for a significant amount of time then the output capacitor should be sized
large enough to prevent an excessive voltage drop. Despite the fact that the LP2996-N is designed to handle
large transient output currents it is not capable of handling these for long durations, under all conditions. The
reason for this is the standard packages are not able to thermally dissipate the heat as a result of the internal
power loss. If large currents are required for longer durations, then care should be taken to ensure that the
maximum junction temperature is not exceeded. Proper thermal derating should always be used (please refer to
the Thermal Dissipation section). If the junction temperature exceeds the thermal shutdown point than VTT will tri-
state until the part returns below the hysteretic trip-point.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com