Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3892 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3892
Description  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3892 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3892 Datasheet HTML 2Page - Texas Instruments LP3892 Datasheet HTML 3Page - Texas Instruments LP3892 Datasheet HTML 4Page - Texas Instruments LP3892 Datasheet HTML 5Page - Texas Instruments LP3892 Datasheet HTML 6Page - Texas Instruments LP3892 Datasheet HTML 7Page - Texas Instruments LP3892 Datasheet HTML 8Page - Texas Instruments LP3892 Datasheet HTML 9Page - Texas Instruments LP3892 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LP3892
SNVS236D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, Cin = 10 µF, S/D pin is tied to VBIAS, VIN = 2.2V, VOUT = 1.8V.
IGND vs VSD
Noise Measurement
Figure 10.
Figure 11.
VOUTStartup Waveform
VOUTStartup Waveform
Figure 12.
Figure 13.
Line Regulation vs VBIAS
Line Regulation vs VBIAS
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com