Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3905 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments LP3905 Datasheet HTML 15Page - Texas Instruments LP3905 Datasheet HTML 16Page - Texas Instruments LP3905 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
C1 =
1
(2 x S x R1FB x 45 x 10
3)
VOUT = VFB x
R1FB
R2FB
1+
©
§
C1
R1FB
R2FB
COUT
10 PF
2.2 PH
L1
SW
FB
LP3905
VOUT
C2
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
Application Information
DC - DC CONVERTORS
Adjustable Buck - Output Voltage Selection
The buck converter output voltage of the adjustable version device can be set via the selection of the external
feedback resistor network forming the output feedback between the output voltage side of the Inductor and the
FB pin and the FB Pin and GND.
Figure 10. Adjustable Buck Converter Components
VOUT will be adjusted to make the voltage at FB equal to 0.5V. The resistor from FB to ground (RFB2) should be
around 200k
Ω to keep the current drawn through the resistor network well below the 16µA quiescent current
level (PFM mode) but large enough that it is not susceptible to noise. If R2 is 200k
Ω and with VFB at 0.5V, the
current through the resistor feedback network will be 2.5µA.
The formula for output voltage selection is:
(3)
VOUT - output voltage (Volts)
VFB
- feedback voltage (0.5V)
R1FB - feedback resistor from VOUT to FB
R2FB - feedback resistor from FB to GND
For any out voltage greater than or equal to 1.0V a zero should be added around 45 kHz by the addition of a
capacitor C1. The formula for the calculation of C1 is:
(4)
For recommended component values see Table 1
Table 1. Buck Component Configurations for Various Output Voltage Values
VOUT (V)
RFB1 (k
Ω)
RFB2 (k
Ω)
C1 (pF)
C2 (pF)
L (µH)
COUT (µF)
1.0
200
200
18
none
2.2
10
1.2
280
200
12
none
2.2
10
1.4
360
200
10
none
2.2
10
1.5
360
180
10
none
2.2
10
1.6
442
200
8.2
none
2.2
10
1.85
540
200
6.8
none
2.2
10
2.5
402
100
8.2
none
2.2
10
2.8
464
100
8.2
33
2.2
10
3.3
562
100
6.8
33
2.2
10
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com