Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS34C87TM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS34C87TM
Description  CMOS Quad TRISTATE Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS34C87TM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS34C87TM Datasheet HTML 1Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 2Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 3Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 4Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 5Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 6Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 7Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS34C87T
CMOS Quad TRISTATE Differential Line Driver
General Description
The DS34C87T is a quad differential line driver designed for
digital
data
transmission
over
balanced
lines.
The
DS34C87T meets all the requirements of EIA standard
RS-422 while retaining the low power characteristics of
CMOS. This enables the construction of serial and terminal
interfaces while maintaining minimal power consumption.
The DS34C87T accepts TTL or CMOS input levels and
translates these to RS-422 output levels. This part uses spe-
cial output circuitry that enables the individual drivers to
power down without loading down the bus. This device has
separate enable circuitry for each pair of the four drivers.
The DS34C87T is pin compatible to the DS3487T.
All inputs are protected against damage due to electrostatic
discharge by diodes to V
CC and ground.
Features
n TTL input compatible
n Typical propagation delays: 6 ns
n Typical output skew: 0.5 ns
n Outputs won’t load line when VCC = 0V
n Meets the requirements of EIA standard RS-422
n Operation from single 5V supply
n TRI-STATE outputs for connection to system buses
n Low quiescent current
n Available in surface mount
Connection and Logic Diagrams
Truth Table
Input
Control
Non-Inverting
Inverting
Input
Output
Output
HH
H
L
LH
L
H
XL
Z
Z
L = Low logic state
H = High logic state
X = Irrelevant
Z = TRI-STATE (high performance)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line Package
DS008576-1
Top View
Order Number DS34C87TM or DS34C87TN
See NS Package Number M16A or N16E
DS008576-2
May 1998
© 1998 National Semiconductor Corporation
DS008576
www.national.com


Similar Part No. - DS34C87TM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS34C87TM TI1-DS34C87TM Datasheet
862Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
DS34C87TM/NOPB TI1-DS34C87TM/NOPB Datasheet
862Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
DS34C87TM/NOPB TI2-DS34C87TM/NOPB Datasheet
420Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
REVISED APRIL 2013
DS34C87TM/NOPB.A TI2-DS34C87TM/NOPB.A Datasheet
420Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
REVISED APRIL 2013
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
More results

Similar Description - DS34C87TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34LV87T NSC-DS34LV87T Datasheet
125Kb / 7P
Enhanced CMOS Quad Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
logo
Integral Corp.
IL34C87 INTEGRAL-IL34C87 Datasheet
150Kb / 4P
CMOS Quad TRISTATE Differential Line Driver.
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
IK Semicon Co., Ltd
IL34C87 IKSEMICON-IL34C87 Datasheet
206Kb / 6P
CMOS Quad TRISTATE Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com