Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP3918
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 17Page - Texas Instruments LP3918 Datasheet HTML 18Page - Texas Instruments LP3918 Datasheet HTML 19Page - Texas Instruments LP3918 Datasheet HTML 20Page - Texas Instruments LP3918 Datasheet HTML 21Page - Texas Instruments LP3918 Datasheet HTML 22Page - Texas Instruments LP3918 Datasheet HTML 23Page - Texas Instruments LP3918 Datasheet HTML 24Page - Texas Instruments LP3918 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
VTERM
1.0A
I(Batt)
Constant Voltage
Current
Limiting
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
TECHNICAL DESCRIPTION
BATTERY CHARGE MANAGEMENT
A charge management system allowing the safe charge and maintenance of a Li-Ion battery is implemented on
the LP3918. This has a CC/CV linear charge capability with programmable battery regulation voltage and end of
charge current threshold. The charge current in the constant current mode is programmable and a maintenance
mode monitors for battery voltage drop to restart charging at a preset level. A USB charging mode is also
available with 2 charge current levels.
CHARGER FUNCTION
Following the correct detection of an input voltage at the charger pin the charger enters a pre-charge mode. In
this mode a constant current of 50mA is available to charge the battery to 3.0V. At this voltage level the charge
management applies the default (100mA) full rate constant current to raise the battery voltage to the termination
voltage level (default 4.2V). The full rate charge current may be programmed to a different level at this stage.
When termination voltage (VTERM) is reached, the charger is in constant voltage mode and a constant voltage of
4.2V is maintained. This mode is complete when the end of charge current (default 0.1C) is detected and the
charge management enters the maintenance mode. In maintenance mode the battery voltage is monitored for
the restart level (4.05V at the default settings) and the charge cycle is re-initiated to re-establish the termination
voltage level.
For start up the EOC function is disabled. This function should be enabled once start up is complete and a
battery has been detected. EOC is enabled via register CHGCNTL1, Table 9.
The full rate constant current rate of charge may be programmed to 19 levels from 50mA to 950mA. These
values are given in Table 4, and Table 11
The charge mode may be programmed to USB mode when the charger input is applied and the battery voltage is
above 3.0V. This provides two programmable current levels of 100mA and 450mA for a USB sourced supply
input at CHG_IN. Table 8
LDO Mode on device option LP3918TL-L
The charger circuit automatically enters an LDO mode if no battery is detected on insertion of the charger input
voltage. In LDO mode the battery pin is regulated to 4.2V and can source up to 1.0A of current. Normal operation
with a battery connected can be re-established via the serial interface. The serial interface allows the device to
switch between modes as required however care is required to ensure that LDO mode is not initiated while a
battery is present.
Figure 9. LDO Mode Diagram
EOC
EOC is disabled by default and should be enabled when the system processor is awake and the system detects
that a battery is present.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com