Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1121DI5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1121DI5
Description  Low-Jitter Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1121DI5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1121DI5 Datasheet HTML 1Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 2Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 3Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 4Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 5Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 6Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 4
MK-Q-B-P-D-110410-01-6
DSC1101
Low-Jitter Precision CMOS Oscillator
DSC1121
Test Circuit
Board Layout (recommended)
Solder Reflow Profile
0.1uF
VDD
15pF
IDD
VDA
4
1
2
3
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/Sec Max.
Preheat Time 150°C to 200°C
60-180 Sec
Time maintained above 217°C
60-150 Sec
Peak Temperature
255-260°C
Time within 5°C of actual Peak
20-40 Sec
Ramp-Down Rate
6°C/Sec Max.
Time 25°C to Peak Temperature
8 min Max.
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
2
3
4
5
6
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com