Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38852-ADJ Datasheet(PDF) 13 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38852-ADJ Datasheet HTML 9Page - Texas Instruments LP38852-ADJ Datasheet HTML 10Page - Texas Instruments LP38852-ADJ Datasheet HTML 11Page - Texas Instruments LP38852-ADJ Datasheet HTML 12Page - Texas Instruments LP38852-ADJ Datasheet HTML 13Page - Texas Instruments LP38852-ADJ Datasheet HTML 14Page - Texas Instruments LP38852-ADJ Datasheet HTML 15Page - Texas Instruments LP38852-ADJ Datasheet HTML 16Page - Texas Instruments LP38852-ADJ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
+
R2
R1
1
x
= V
V
ADJ
OUT
¸
¹
·
¨
©
§
¸
©
§
¨
¨
¹
·
LP38852-ADJ
www.ti.com
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 22. Typical CSS vs COUT Values
The CSS capacitor must be connected to a clean ground path back to the device ground pin. No components,
other than CSS, should be connected to the SS pin, as there could be adverse effects to VOUT.
If the soft-start function is not needed the SS pin must be left open, although some minimal capacitance value is
always recommended.
7.3.5 Setting The Output Voltage
The output voltage is set using the external resistive divider R1 and R2. (Refer to the Figure 23.) The output
voltage is given by Equation 2:
(2)
The resistors used for R1 and R2 must be high quality, tight tolerance, and with matching temperature
coefficients. It is important to remember that, although the value of VADJ is specified, the use of low quality
resistors for R1 and R2 can easily produce a VOUT value that is unacceptable.
It is recommended that the values selected for R1 and R2 are such that the parallel value is less than 10 k
Ω.
This is to prevent internal parasitic capacitances on the ADJ pin from interfering with the FZ pole set by R1 and
CFF.
((R1 x R2) / (R1 + R2))
≤ 10 kΩ
(3)
Table 1 lists some suggested, best fit, standard ±1% resistor values for R1 and R2, and a standard ±10%
capacitor values for CFF, for a range of VOUT values. Other values of R1, R2, and CFF are available that give
similar results.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38852-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com