Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1001 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # PR1001
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

PR1001 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  PR1001 Datasheet HTML 1Page - Diode Semiconductor Korea PR1001 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
0
0.25
0.5
0.75
1.0
25
50
75
100
125
150
Single Phase
Half W ave 60H Z
Resistive or
Inductive Load
1.25
175
1.5
1
0
2
10
20
30
40
10
5
20
100
50
TJ=125
8.3ms Single Half
Sine-Wave
0.6
TJ=25
Pulse Width=300
µS
0.4
0.04
0.01
0.02
0.06
0.1
0.2
2
1.0
4
100
10
0.8
1.0
1.2
1.4
2.0
1.6
1.8
REVERSE VOLTAGE,VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
PR1001---PR1007
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL JUNCTION CAPACITANCE
FIG.4 -- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com