Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS33MW/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS33MW/883
Description  Quad Differential Line Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS33MW/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS26LS33MW/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26LS33MW/883 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
DS26LS32/DS26LS33
DS26LS32A/DS26LS33A
Units
Min
Typ
Max
Min
Typ
Max
t
PLH
Input to Output
C
L = 15 pF
17
25
23
35
ns
t
PHL
17
25
23
35
ns
t
LZ
ENABLE to Output
C
L = 5 pF
2030
1530
ns
t
HZ
15
22
20
25
ns
t
ZL
ENABLE to Output
C
L = 15 pF
15
22
14
22
ns
t
ZH
15
22
15
22
ns
AC Test Circuit and Switching Time Waveforms
Typical Applications
Load Test Circuit for TRI-STATE® Outputs
DS005255-3
Propagation Delay (Notes 7, 9)
DS005255-4
Enable and Disable Times (Notes 8, 9)
DS005255-5
Note 7: Diagram shown for ENABLE low.
Note 8: S1 and S2 of load circuit are closed except where shown.
Note 9: Pulse generator for all pulses: Rate = 1.0 MHz; ZO = 50Ω;tr ≤ 6 ns; tf ≤ 6.0 ns.
Two-Wire Balanced Interface — RS-422
DS005255-6
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com