Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN1509 Datasheet(PDF) 3 Page - Microchip Technology

Part # DN1509
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN1509 Datasheet(HTML) 3 Page - Microchip Technology

  DN1509 Datasheet HTML 1Page - Microchip Technology DN1509 Datasheet HTML 2Page - Microchip Technology DN1509 Datasheet HTML 3Page - Microchip Technology DN1509 Datasheet HTML 4Page - Microchip Technology DN1509 Datasheet HTML 5Page - Microchip Technology DN1509 Datasheet HTML 6Page - Microchip Technology DN1509 Datasheet HTML 7Page - Microchip Technology DN1509 Datasheet HTML 8Page - Microchip Technology DN1509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2015 Microchip Technology Inc.
DS20005403B-page 3
DN1509
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Drain-to-source voltage................................................................................................................................................................ BVDSX
Drain-to-gate voltage....................................................................................................................................................................BVDGX
Gate-to-source voltage................................................................................................................................................................... ±20V
Operating and storage temperature............................................................................................................................. -55°C to +150°C
1.1
Electrical Specifications
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle.
2: Specification is obtained by characterization and is not 100% tested.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
DC AND AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C
Symbol
Parameter
Min
Typ
Max
Units Conditions
DC Parameters (Note 1, unless otherwise stated)
BVDSX
Drain-to-source breakdown voltage
90
–
–
V
VGS = -5V, ID = 1.0µA
VGS(OFF)
Gate-to-source off voltage
-1.8
–
-3.5
V
ID = 10µA
∆VGS(OFF)
VGS(OFF) change with temperature
–
–
-4.5
mV/°C VDS = 15V, ID= 10µA (Note 2)
IGSS
Gate body leakage
–
–
100
nA
VGS = ±20V, VDS = 0V
ID(OFF)
Drain-to-source leakage current
––
1.0
µA
VDS = BVDSX, VGS = -5.0V
––
1.0
mA
VDS = 0.8 BVDSX,
VGS = -5.0V, TA= 125°C (Note 2)
IDSS
Saturated drain-to-source current
300
540
–
mA
VGS = 0V, VDS = 25V
RDS(ON)
Static drain-to-source on-state
resistance
–3.2
6.0
Ω
VGS = 0V, ID= 200mA
∆RDS(ON)
Change in RDS(ON) with temperature
–
–
1.1
%/°C VGS = 0V, ID= 200mA (Note 2)
AC Parameters (Note 2)
GFS
Forward transconductance
200
–
–
mmho VDS = 10V, ID= 200mA
CISS
Input capacitance
70
150
pF
VGS = -10V, VDS = 25V,
f = 1MHz
COSS
Common source output capacitance
–
20
40
CRSS
Reverse transfer capacitance
–
6.0
15
td(ON)
Turn-on delay time
–
12
30
ns
VDD = 25V,
ID = 100mA,
RGEN = 25Ω
tr
Rise time
–
16
45
td(OFF)
Turn-off delay time
–
15
45
tf
Fall time
–
25
60
Diode Parameters
VSD
Diode forward voltage drop
–
–
1.8
V
VGS = -5.0V, ISD= 500mA
(Note 1)
trr
Reverse recovery time
–
400
–
ns
VGS = -5.0V, ISD= 500mA
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com