Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV28F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV28F
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV28F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV28F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV28F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
BUV28F/AF
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUV28F
IC= 0.2A ;IB= 0; L= 25mH
200
V
BUV28AF
225
VCE(sat)
Collector-Emitter
Saturation Voltage
BUV28F
IC= 6A; IB= 0.6A
1.5
V
BUV28AF
IC= 4A; IB= 0.4A
1.5
VBE(sat)
Base-Emitter
Saturation Voltage
BUV28F
IC= 6A; IB= 0.6A
2.0
V
BUV28AF
IC= 4A; IB= 0.4A
2.0
ICEX
Collector Cutoff Current
VCE=VCESmax;VBE=-1.5V,TJ=125℃
1.0
mA
ICES
Collector Cutoff Current
VCE=VCESmax;VBE=0,TJ=125℃
3.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1.0
mA
Switching Times; Resistive Load
ton
Turn-On Time
For BUV28F
IC= 6A; IB1= 0.6A; IB2= -1.2A
For BUV28AF
IC= 4A; IB1= 0.4A; IB2= -0.8A
0.3
1.0
μs
tstg
Storage Time
0.5
1.5
μs
tf
Fall Time
0.1
0.25
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com