Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV751M5X Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV751M5X
Description  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV751M5X Datasheet(HTML) 4 Page - Texas Instruments

  LMV751M5X Datasheet HTML 1Page - Texas Instruments LMV751M5X Datasheet HTML 2Page - Texas Instruments LMV751M5X Datasheet HTML 3Page - Texas Instruments LMV751M5X Datasheet HTML 4Page - Texas Instruments LMV751M5X Datasheet HTML 5Page - Texas Instruments LMV751M5X Datasheet HTML 6Page - Texas Instruments LMV751M5X Datasheet HTML 7Page - Texas Instruments LMV751M5X Datasheet HTML 8Page - Texas Instruments LMV751M5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LMV751
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
5.0V Electrical Characteristics (continued)
V
+ = 5.0V, V− = 0V, V
CM = 2.5V, TA = 25°C unless otherwise stated.Boldface limits apply over the Temperature Range.
Typ
Limit
Symbol
Parameter
Units
(1)
(2)
IO
Output Current
Sourcing, VO = 0V
15
8.0
VIN (diff) = ±0.5V
2.5
mA
min
Sinking, VO = 5V
20
8.0
VIN (diff) = ±0.5V
2.5
en (10Hz)
Input Referred Voltage Noise
15
nV/
√Hz
en (1kHz)
Input Referred Voltage Noise
6.5
nV/
√Hz
en (30kHz)
Input Referred Voltage Noise
6.5
10
nV/
√Hz
max
IN (1kHz)
Input Referred Current Noise
0.01
pA/
√Hz
GBW
Gain-Bandwidth Product
5
2
MHz
min
SR
Slew Rate
2.3
V/µs
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com