Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ14201HTZX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14201HTZX/NOPB
Description  LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ14201HTZX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMZ14201HTZX/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMZ14201H
SNVS690H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
6
42
V
EN
0
6.5
V
Operation Junction Temperature
–40
125
°C
6.4 Thermal Information
LMZ14201H
THERMAL METRIC(1)
NDW (TO-PMD)
UNIT
7 PINS
4 layer printed-circuit-board, 7.62 cm x
7.62 cm (3 in x 3 in) area, 1 oz copper,
16
no air flow
RθJA
Junction-to-ambient thermal resistance
°C/W
4 layer printed-circuit-board, 6.35 cm x
6.35 cm (2.5 in x 2.5 in) area, 1 oz
18.4
copper, no air flow
RθJC(top)
Junction-to-case (top) thermal resistance
1.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 24 V, VOUT = 12 V, RON = 249 kΩ
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
VEN
EN threshold trip point
VEN rising, TJ = –40°C to 125°C
1.10
1.18
1.25
V
VEN-HYS
EN threshold hysteresis
90
mV
SOFT-START
ISS
SS source current
VSS = 0 V, TJ = –40°C to 125°C
8
10
15
µA
ISS-DIS
SS discharge current
–200
µA
CURRENT LIMIT
ICL
Current limit threshold
DC average, TJ = –40°C to 125°C
1.5
1.95
2.7
A
VIN UVLO
EN pin floating
VINUVLO
Input UVLO
3.75
V
VIN rising
EN pin floating
VINUVLO-HYST
Hysteresis
130
mV
VIN falling
ON/OFF TIMER
tON-MIN
ON timer minimum pulse width
150
ns
tOFF
OFF timer pulse width
260
ns
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14201H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com