Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG100 Datasheet(PDF) 1 Page - Texas Instruments

Part # LOG100
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG100 Datasheet(HTML) 1 Page - Texas Instruments

  LOG100 Datasheet HTML 1Page - Texas Instruments LOG100 Datasheet HTML 2Page - Texas Instruments LOG100 Datasheet HTML 3Page - Texas Instruments LOG100 Datasheet HTML 4Page - Texas Instruments LOG100 Datasheet HTML 5Page - Texas Instruments LOG100 Datasheet HTML 6Page - Texas Instruments LOG100 Datasheet HTML 7Page - Texas Instruments LOG100 Datasheet HTML 8Page - Texas Instruments LOG100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
optical networking, optical power monitor(ing), laser diode control, optical amplifier control, EDFA control, Erbium Doped Fiber Amplifier control
LOG100
Precision
LOGARITHMIC AND LOG RATIO AMPLIFIER
resistors. The resistors are laser-trimmed for maxi-
mum precision. FET input transistors are used for the
amplifiers whose low bias currents (1pA typical) per-
mit signal currents as low as 1nA while maintaining
guaranteed total errors of 0.37% FSO maximum.
Because scaling resistors are self-contained, scale
factors of 1V, 3V or 5V per decade are obtained
simply by pin selections. No other resistors are re-
quired for log ratio applications. The LOG100 will
meet its guaranteed accuracy with no user trimming.
Provisions are made for simple adjustments of scale
factor, offset voltage, and bias current if enhanced
performance is desired.
DESCRIPTION
The LOG100 uses advanced integrated circuit tech-
nologies to achieve high accuracy, ease of use, low
cost, and small size. It is the logical choice for your
logarithmic-type computations. The amplifier has guar-
anteed maximum error specifications over the full six-
decade input range (1nA to 1mA) and for all possible
combinations of I
1 and I2. Total error is guaranteed so
that involved error computations are not necessary.
The circuit uses a specially designed compatible thin-
film monolithic integrated circuit which contains am-
plifiers, logging transistors, and low drift thin-film
PDS-437E
FEATURES
q ACCURACY
0.37% FSO max Total Error
Over 5 Decades
q LINEARITY
0.1% max Log Conformity
Over 5 Decades
q EASY TO USE
Pin-selectable Gains
Internal Laser-trimmed Resistors
q WIDE INPUT DYNAMIC RANGE
6 Decades, 1nA to 1mA
q HERMETIC CERAMIC DIP
APPLICATIONS
q LOG, LOG RATIO AND ANTILOG
COMPUTATIONS
q ABSORBANCE MEASUREMENTS
q DATA COMPRESSION
q OPTICAL DENSITY MEASUREMENTS
q DATA LINEARIZATION
q CURRENT AND VOLTAGE INPUTS
®
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
7
A
2
A
1
1
14
I
1
9
–V
CC
6
+V
CC
10
Com
I
2
Q
1
Q
2
V
OUT
3
K = 1
4
K = 3
5
K = 5
2
Scale
Factor
Trim
39k
Ω
24k
Ω
7.5k
Ω
270
Ω
220
Ω
Resistor values nominal only;
laser-trimmed for precision gain.
V
OUT = K LOG
I
1
I
2
© 1981 Burr-Brown Corporation
PDS-437E
Printed in U.S.A. January, 1995
SBFS014


Similar Part No. - LOG100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100JP BURR-BROWN-LOG100JP Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
More results

Similar Description - LOG100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG102 TI-LOG102 Datasheet
247Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG112 TI-LOG112 Datasheet
305Kb / 14P
LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com