Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 4 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG102 Datasheet(HTML) 4 Page - Texas Instruments

  LOG102 Datasheet HTML 1Page - Texas Instruments LOG102 Datasheet HTML 2Page - Texas Instruments LOG102 Datasheet HTML 3Page - Texas Instruments LOG102 Datasheet HTML 4Page - Texas Instruments LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
LOG102
4
SBOS211B
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±5V, RL = 10kΩ, unless otherwise noted.
0
ONE CYCLE OF NORMALIZED TRANSFER FUNCTION
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
26
110
3
Current Ratio,
I
1
I
2
48
3dB FREQUENCY RESPONSE
I
2
0.1
1nA
1M
100k
10k
1k
100
10
1
10nA
100nA
1
µA10µA
100
µA
1mA
100
µA
100
µA
1mA
I
1 = 1mA
1
µA
1mA
to 10
µA
100nA
10nA
I
1 = 1nA
10nA
10nA
1
µA
10
µA
100
µA
C C
=
1µ
F
C C
= 1000pF
10µ
A to
1µ
A
C C
= 10pF
I
1 = 1nA
1nA
100
µA
NORMALIZED TRANSFER FUNCTION
0.001
3
2
1
0
–1
–2
–3
0.01
1
100
Current Ratio,
0.1
10
1000
I
1
I
2
I
1
I
2
V
OUT = 1V • Log
TOTAL ERROR vs INPUT CURRENT
1nA
60
50
40
30
20
10
0
100nA
10nA
70
°C
0
°C
25
°C
10
µA
100
µA
Input Current
(I
1 or I2)
1
µA
1mA
MINIMUM VALUE OF COMPENSATION CAPACITOR
1nA
10000
1000
100
10
1
100nA
10nA
10
µA
1mA
I
2
1
µA
100
µA
10mA
Select C
C for I1 min
and I
2 max
I
1 = 1nA
Values below 2pF
may be ignored.
I
1 = 1mA
I
1 = 100µA
I
1 = 10nA
I
1 = 100nA
I
1 = 1µA
I
1 = 10µA
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
–0.05
–0.10
–60
–40
–20
0
20
40
60
80
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com