Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952AIM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952AIM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952AIM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP2952AIM/NOPB Datasheet HTML 17Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 18Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 19Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 20Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 21Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 22Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 23Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 24Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
Application Information (continued)
8.1.8 Auxiliary Comparator (LP2953 Only)
The LP2953 contains an auxiliary comparator whose inverting input is connected to the 1.23-V reference. The
auxiliary comparator has an open-collector output whose electrical characteristics are similar to the dropout
detection comparator. The noninverting input and output are brought out for external connections.
8.1.9 SHUTDOWN Input
A logic-level signal will shut off the regulator output when a low (< 1.2 V) is applied to the SHUTDOWN input.
To prevent possible mis-operation, the SHUTDOWN input must be actively terminated. If the input is driven from
open-collector logic, a pullup resistor (20 k
Ω to 100 kΩ is recommended) should be connected from the
SHUTDOWN input to the regulator input.
If the SHUTDOWN input is driven from a source that actively pulls high and low (like an op-amp), the pullup
resistor is not required, but may be used.
If the shutdown function is not to be used, the cost of the pullup resistor can be saved by simply tying the
SHUTDOWN input directly to the regulator input.
NOTE
Because the Absolute Maximum Ratings state that the SHUTDOWN input can not go
more than 0.3 V below ground, the reverse battery-input protection feature which protects
the regulator input is sacrificed if the SHUTDOWN input is tied directly to the regulator
input.
If reverse-battery input protection is required in an application, the pullup resistor between the SHUTDOWN input
and the regulator input must be used.
8.2 Typical Applications
8.2.1 Basic 5-V Regulator
Figure 33. Basic 5-V Regulator
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com