Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2045CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2045CS
Description  Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2045CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2045CS Datasheet HTML 2Page - Intersil Corporation EL2045CS Datasheet HTML 3Page - Intersil Corporation EL2045CS Datasheet HTML 4Page - Intersil Corporation EL2045CS Datasheet HTML 5Page - Intersil Corporation EL2045CS Datasheet HTML 6Page - Intersil Corporation EL2045CS Datasheet HTML 7Page - Intersil Corporation EL2045CS Datasheet HTML 8Page - Intersil Corporation EL2045CS Datasheet HTML 9Page - Intersil Corporation EL2045CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7030.1
February 11, 2005
Typical Performance Curves (Continued)
Short-Circuit Current
vs Temperature
Gain-Bandwidth Product
vs Load Capacitance
Overshoot vs
Load Capacitance
Large-Signal
Step Response
Small-Signal
Step Response
Differential Gain and
Phase vs DC Input
Offset at 3.58MHz
Differential Gain and
Phase vs DC Input
Offset at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
8-Pin PDIP
Maximum Power
Dissipation
8-Lead SO
Maximum Power
Dissipation
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity Test
Board
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
255075
100
125
150
85
Ambient Temperature (°C)
1.25W
θ
JA =
10
0°C
/W
θ
JA =1
60°C
/W
SO
8
PD
IP
8
781mW
EL2045



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com