Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AB Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # S2AB
Description  SURFACE MOUNT SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

S2AB Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  S2AB Datasheet HTML 1Page - SUNMATE electronic Co., LTD S2AB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2MB
S2KB
S2JB
S2GB
S2DB
S2BB
S2AB
Case: SMB(DO-214AA)Molded Plastic
S2AB - S2MB
VOLTAGE RANGE: 50 - 1000V
CURRENT: 2.0 A
Features
@TA = 25°C unless otherwise specified
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current
Capability
Ideally Suited for Automated Assembly
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Mechanical Data
Case Material - UL Flammability Rating
Classification 94V-0
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Maximum Ratings and Electrical Characteristics
Weight: 0.093 grams (approx.)
1 of 2
www.sunmate.tw
16
°C/W
30
pF
200
1.1
V
60
A
2.0
A
= 2.0A
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance Junction to Terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 100°C
I(AV)
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage
@ IF
VFM
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
µA
Typical Total Capacitance (Note 1)
CT
Typical Thermal Resistance, Junction to Terminal
(Note 2)
RqJT
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
!
!
!
!
!
!
!
!
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
SURFACE MOUNT SILICON RECTIFIER DIODES


Similar Part No. - S2AB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
S2AB PACELEADER-S2AB Datasheet
129Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
S2AB CHENDA-S2AB Datasheet
615Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shanghai Yint Electroni...
S2AB YINT-S2AB Datasheet
488Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Microdiode Semiconducto...
S2AB CHENDA-S2AB Datasheet
796Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S2ABF CHENDA-S2ABF Datasheet
617Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - S2AB

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SL1A DIOTEC-SL1A Datasheet
114Kb / 2P
Surface Mount Silicon Rectifier Diodes
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
Surface Mount Silicon Rectifier Diodes
S5A DIOTEC-S5A_13 Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
SL1A DIOTEC-SL1A_13 Datasheet
108Kb / 2P
Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
S1A SUNMATE-S1A Datasheet
383Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S1AB SUNMATE-S1AB Datasheet
330Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SA2A SUNMATE-SA2A Datasheet
323Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SOD4001 SUNMATE-SOD4001 Datasheet
322Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
M1-M7 SUNMATE-M1-M7 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com