Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AF Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # S2AF
Description  SURFACE MOUNT SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

S2AF Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  S2AF Datasheet HTML 1Page - SUNMATE electronic Co., LTD S2AF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES S2AF THRU S2MF
2 of 2
2.4
2.0
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
120
140
160
SINGLE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD P.C.B
MOUNTED ON
0.3×0.3"(8.0×8.0mm) COPPER
PAD AREAS
LEAD TEMPERATURE, ¢J
60
50
40
30
20
10
0
1.0
2.0
4.0
6.0
10
20
40
60
100
TA = 55 ¢J
SINGLE SINE-WAVE
(JEDEC METHOD)
NUMBER OF CYCLES AT 60hz
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
0
20
40
60
80
100
120
140
1,00
10
1
0.1
0.01
0.001
T
J = 125 ¢J
T
J = 75 ¢J
T
J = 25 ¢J
PERCENT OF PEAK REVERSE VOLTAGE, %
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
.05
.02
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1000
500
200
100
50
20
10
5
2
1
0.01
0.1
1
10
100
UNITS MOUNTED ON
20in2 (5.4mm2) + 0.5mil in (0.013mm)
THICK COPPER LAND AREAS
REVERSE VOLTAGE, VOLTS
100
70
10
1
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
Fig. 5-TRANSIENT THERMAL IMPEDANCE
Fig. 6-TYPICAL JUNCTION CAPACITANCE
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com