Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS501
Description  LOCO PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS501 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS501 Datasheet HTML 1Page - Integrated Circuit Systems ICS501 Datasheet HTML 2Page - Integrated Circuit Systems ICS501 Datasheet HTML 3Page - Integrated Circuit Systems ICS501 Datasheet HTML 4Page - Integrated Circuit Systems ICS501 Datasheet HTML 5Page - Integrated Circuit Systems ICS501 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOCO™PLL Clock Multiplier
MDS 501 K
2
Revision 071304
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297 -1 201 www.icst.com
ICS501
Pin Assignment
Clock Output Table
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Common Output Frequency Examples (MHz)
Pin Descriptions
X1/ I CLK
VDD
GND
OE
S1
S0
CLK
X2
1
2
3
4
8
7
6
5
8 Pi n ( 150 mil) SOIC
S1 S0
CLK
Minimum Input
0
0
4X input
per page 4
0
M
5.3125X input
20 MHz
0
1
5X input
per page 4
M
0
6.25X input
4 MHz
M
M
2X input
per page 4
M
1
3.125X input
8 MHz
1
0
6X input
per page 4
1
M
3X input
per page 4
1
1
8X input
per page 4
Output
20
24
30
32
33.33
37.5
40
48
50
60
62.5
Input
10
12
10
16
16.66
12
10
12
16.66
10
20
Selection (S1, S0)
M, M
M, M
1, M
M, M
M, M
M, 1
0, 0
0, 0
1, M
1, 0
M, 1
Output
64
66.66
72
75
80
83.33
90
100
106.25
120
125
Input
16
16.66
12
12
10
16.66
15
20
20
15
20
Selection (S1, S0)
0, 0
0, 0
1, 0
M, 0
1, 1
0, 1
1, 0
0, 1
0, M
1, 1
M, 0
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal connection or clock input.
2
VDD
Power
Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
S1
Tri-level Iinput
Select 1 for output clock. Connect to GND or VDD or float.
5
CLK
Output
Clock output per table above.
6
S0
Tri-level Input
Select 0 for output clock. Connect to GND or VDD or float.
7
OE
Input
Output enable. Tri-states CLK output when low. Internal pull-up.
8
X2
Output
Crystal connection. Leave unconnected for clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com