Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6418AMTC14X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FMS6418AMTC14X
Description  Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6418AMTC14X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FMS6418AMTC14X Datasheet HTML 2Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 3Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 4Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 5Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 6Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 7Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 8Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 9Page - Fairchild Semiconductor FMS6418AMTC14X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
REV. 3G June 28, 2004
DATA SHEET
FMS6418A
Pin Assignments
TSSOP-14
SOIC-16
Pin Name
Description
Equivalent Circuit
1IN MUX
Logic input selects between channel
<A> or <B> of the RGB inputs.
(1): RGB A input, (0): RGB B input
14
FSEL
Logic Input selects between (0) SD
(8.0MHz) and (1) HD (30.0MHz) filters
2RINA
Analog RED video input - Channel A
3RINB
Analog RED video input - Channel B
4GINA
Analog GREEN video input - Channel A
5GINB
Analog GREEN video input - Channel B
6BINA
Analog BLUE video input - Channel A
7BINB
Analog BLUE video input - Channel B
VCC
VSSO
14
1
16
1
VCC
VSSA
N/A
NC
No Connect (float pin)
8
+3.3V power supply for filters
9
+5V power supply for output buffers
10
Filtered Analog BLUE video output
from either BINA or BINB
11
Filtered Analog GREEN video output
from either GINA or GINB
12
Filtered Analog RED video output from
either RINA or RINB
N/A
Ground for output buffers
N/A
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VCCA
VCCO
BOUT
GOUT
ROUT
VSSO
VSSA
Ground
13
N/A
VSS
Ground
for filters
VCC
VSSO
13
12
11
= TSSOP-14 Pin Numbers
= SOIC-16 Pin Numbers
11
11
12
11
10
4
3
2
7
6
5
4
3
2
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com