Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872Z Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2872Z
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872Z Datasheet(HTML) 2 Page - Texas Instruments

  TLC2872Z Datasheet HTML 1Page - Texas Instruments TLC2872Z Datasheet HTML 2Page - Texas Instruments TLC2872Z Datasheet HTML 3Page - Texas Instruments TLC2872Z Datasheet HTML 4Page - Texas Instruments TLC2872Z Datasheet HTML 5Page - Texas Instruments TLC2872Z Datasheet HTML 6Page - Texas Instruments TLC2872Z Datasheet HTML 7Page - Texas Instruments TLC2872Z Datasheet HTML 8Page - Texas Instruments TLC2872Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The inputs and outputs of this device are designed to withstand 100-mA surge current without sustaining
latch-up. In addition, internal ESD-protection circuits prevent functional failures up to 2000 V. The device is
characterized for operation over the extended (Z) temperature range of – 40
°C to 150°C.
TLC2872Y chip information
This chip, when properly assembled, displays characteristics similar to TLC2872Z. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
–
1OUT
1 IN +
1IN –
VCC+
(8)
(6)
(3)
(2)
(5)
(1)
–
+
(7)
2IN +
2IN –
2OUT
(4)
VCC –
56
67
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com