Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS32C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS32C
Description  Quad Differential Line Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS32C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26LS32C Datasheet HTML 1Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 2Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 3Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 4Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 5Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 6Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 7Page - National Semiconductor (TI) DS26LS32C Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M
Quad Differential Line Receivers
General Description
The DS26LS32 and DS26LS32A are quad differential line re-
ceivers designed to meet the RS-422, RS-423 and Federal
Standards 1020 and 1030 for balanced and unbalanced digi-
tal data transmission.
The DS26LS32 and DS26LS32A have an input sensitivity of
200 mV over the input voltage range of ±7V and the
DS26LS33 have an input sensitivity of 500 mV over the input
voltage range of ±15V.
The DS26LS32A differ in function from the popular
DS26LS32 and DS26LS33 in that input pull-up and
pull-down resistors are included which prevent output oscil-
lation on unused channels.
Each version provides an enable and disable function com-
mon to all four receivers and features TRI-STATE ® outputs
with 8 mA sink capability. Constructed using low power
Schottky processing, these devices are available over the
full military and commerical operating temperature ranges.
Features
n High differential or common-mode input voltage ranges
of ±7V on the DS26LS32 and DS26LS32A and ±15V
on the DS26LS33
n ±0.2V sensitivity over the input voltage range on the
DS26LS32 and DS26LS32A, ±0.5V sensitivity on the
DS26LS33
n DS26LS32 and DS26LS32A meet all requirements of
RS-422 and RS-423
n 6k minimum input impedance
n 100 mV input hysteresis on the DS26LS32 and
DS26LS32A, 200 mV on the DS26LS33
n Operation from a single 5V supply
n TRI-STATE outputs, with choice of complementary
output enables for receiving directly onto a data bus
Logic Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS005255-1
May 1999
© 1999 National Semiconductor Corporation
DS005255
www.national.com


Similar Part No. - DS26LS32C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32C TI1-DS26LS32C Datasheet
837Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
DS26LS32C TI1-DS26LS32C Datasheet
861Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
logo
National Semiconductor ...
DS26LS32CM NSC-DS26LS32CM Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32CM TI1-DS26LS32CM Datasheet
861Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
More results

Similar Description - DS26LS32C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
DS26LS32MQML Quad Differential Line Receivers
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com