Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2933IPW Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC2933IPW
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2933IPW Datasheet HTML 9Page - Texas Instruments TLC2933IPW Datasheet HTML 10Page - Texas Instruments TLC2933IPW Datasheet HTML 11Page - Texas Instruments TLC2933IPW Datasheet HTML 12Page - Texas Instruments TLC2933IPW Datasheet HTML 13Page - Texas Instruments TLC2933IPW Datasheet HTML 14Page - Texas Instruments TLC2933IPW Datasheet HTML 15Page - Texas Instruments TLC2933IPW Datasheet HTML 16Page - Texas Instruments TLC2933IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
gain of VCO and PFD
Figure 16 is a block diagram of the PLL. The
divider N value depends on the input frequency
and the desired VCO output frequency according
to the system application requirements. The Kp
and KV values are obtained from the operating
characteristics of the device as shown in
Figure 16. Kp is defined from the phase detector
VOL and VOH specifications and the equation
shown in Figure 16(b). KV is defined from
Figures 8, 9, 10, and 11 as shown in Figure 16(c).
The parameters for the block diagram with the
units are as follows:
KV : VCO gain (rad/s/V)
Kp : PFD gain (V/rad)
Kf : LPF gain (V/V)
KN : countdown divider gain (1/N)
external counter
When a large N counter is required by the
application, there is a possibility that the PLL
response becomes slow due to the counter
response delay time. In the case of a high
frequency application, the counter delay time
should be accounted for in the overall PLL design.
RBIAS
The external bias resistor sets the VCO center frequency with 1/2 VDD applied to the VCO IN terminal. For the
most accurate results, a metal-film resistor is the better choice but a carbon-composition resistor can also be
used with excellent results. A 0.22
µF capacitor should be connected from the BIAS terminal to ground as close
to the device terminals as possible.
hold-in range
From the technical literature, the maximum hold-in range for an input frequency step for the three types of filter
configurations shown in Figure 17 is as follows:
Dw
H ]
0.8 Kp KV Kf (R)
Where
Kf (∞) = the filter transfer function value at ω = ∞
(1)
Divider
(KN = 1/N)
PFD
(Kp)
VCO
(KV)
LPF
(Kf)
TLC2933
f REF
VOH
fMAX
fMIN
VIN MIN
VIN MAX
−2
π
2
π
−
π
0
π
Range of
Comparison
VOH
VOL
Kp =
VOH − VOL
4
π
KV =
2
π(fMAX − fMIN)
VIN MAX − VIN MIN
Figure 16. Example of a PLL Block Diagram
(a)
(c)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com