Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1453 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # C1453
Description  Flyback Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C1453 Datasheet(HTML) 1 Page - Coilcraft lnc.

  C1453_11 Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Flyback Transformer
Document 483
Document 483 Revised 12/21/11
Inductance
Inductance
Leakage
Part
at 0 Adc2
at Ipk3
DCR max
Inductance4
Turns ratio
Ipk3
number1
±10% (µH)
min (µH)
(Ohms)
max (µH)
pri : sec5
pri : bias
(A)
Output6
C1453-AL_
50
40
0.185 (pins 3 – 1)
1.10
1 : 0.166
1 : 0.5
1.22
3.3 V, 1.5A
0.030 (pins 6 – 10)
0.030 (pins 7 – 9)
0.385 (pins 4 – 5)
1. When ordering, please specify
packaging code:
C1453-ALD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (500 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance is for the primary, measured at 250 kHz, 0.3 Vrms.
3. Peak primary current drawn at minimum input voltage.
4. Leakage inductance is for the primary winding with the secondary wind-
ings shorted.
5. Turns ratio is with the secondary windings connected in parallel.
6. Output of the secondary is with the windings connected in parallel. Bias
winding output is 10 V.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For Texas Instruments TPS23750
PoE Powered Device Controller
10
10
6
5
1
1
1
5
Recommended
Land Pattern
0.453
11,50
0.512
13,00
0.256
6,50
0.394
10,00
0.063
1,60
0.079
2,00
0.055
1,40
0.028
0,70
0.079
2,00
max
Dot indicates pin 1
max
max
0.004/ 0,10
10
6
Core material Ferrite
Terminations RoHS tin-silver (96.5/3.5) over tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 1.4 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500 per 13
″ reel Plastic tape: 24 mm wide,
0.36 mm thick, 16 mm pocket spacing, 6.13 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Isolated non-synchronous flyback transformers developed for
Texas Instruments PMP717 reference design.
• Designed for discontinuous conduction mode, 34 – 57 V input
• 1500 Vrms isolation primary to secondary windings
10
3
Pri
Bias
Sec
4
1
5
6
7
9
Secondary windings to be
connected in parallel on the
PC board.
Dimensions are in
inches
mm


Similar Part No. - C1453_11

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C1453-AL COILCRAFT-C1453-AL Datasheet
174Kb / 1P
Flyback Transformer
C1453-ALB COILCRAFT-C1453-ALB Datasheet
120Kb / 1P
Flyback Transformer
C1453-ALD COILCRAFT-C1453-ALD Datasheet
120Kb / 1P
Flyback Transformer
logo
Cree, Inc
C14530 CREE-C14530 Datasheet
2Mb / 43P
Florence series
logo
Ledil, Inc.
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
More results

Similar Description - C1453_11

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3869 PCA-EPA3869 Datasheet
38Kb / 1P
Flyback Transformer
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
Flyback Transformer
EPC3040 PCA-EPC3040 Datasheet
41Kb / 1P
Flyback Transformer
logo
Coilcraft lnc.
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com