Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5617CD Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5617CD
Description  PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5617CD Datasheet(HTML) 2 Page - Texas Instruments

  TLC5617CD Datasheet HTML 1Page - Texas Instruments TLC5617CD Datasheet HTML 2Page - Texas Instruments TLC5617CD Datasheet HTML 3Page - Texas Instruments TLC5617CD Datasheet HTML 4Page - Texas Instruments TLC5617CD Datasheet HTML 5Page - Texas Instruments TLC5617CD Datasheet HTML 6Page - Texas Instruments TLC5617CD Datasheet HTML 7Page - Texas Instruments TLC5617CD Datasheet HTML 8Page - Texas Instruments TLC5617CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLC5617, TLC5617A
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS151B – JULY 1997 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE†
(D)
0
°C to 70°C
TLC5617CD
TLC5617ACD
–40
°C to 85°C
TLC5617ID
TLC5617AID
† Available in tape and reel as the TLC5617CDR
and the TLC5617IDR
DEVICE
COMPATIBILITY
TLC5617
SPI, QSPI, and Microwire
TLC5617A
TMS320Cxx, SPI, QSPI, and Microwire
functional block diagram
_
+
DAC
10-Bit DAC Register Latch A
Power-Up
Reset
Control
Logic
16-Bit Shift Register
4
Program
Bits
12 Data Bits
(LSB)
(MSB)
REFIN
AGND
CS
SCLK
DIN
OUT A
(Voltage Output)
_
+
RR
DAC A
10-Bit DAC Register Latch B
×2
Double
Buffer
Latch
_
+
_
+
OUT B
(Voltage Output)
DACB
DAC
R
×2
R
4
7
6
5
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com